Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 7Page - Infineon Technologies AG TLS820F0 Datasheet HTML 8Page - Infineon Technologies AG TLS820F0 Datasheet HTML 9Page - Infineon Technologies AG TLS820F0 Datasheet HTML 10Page - Infineon Technologies AG TLS820F0 Datasheet HTML 11Page - Infineon Technologies AG TLS820F0 Datasheet HTML 12Page - Infineon Technologies AG TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG TLS820F0 Datasheet HTML 14Page - Infineon Technologies AG TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
11
Rev. 1.1, 2015-07-27
5
Block Description and Electrical Characteristics
5.1
Voltage Regulation
The output voltage
V
Q is divided by a resistor network. This fractional voltage is compared to an internal voltage
reference and the pass transistor is driven accordingly.
The control loop stability depends on the output capacitor
C
Q, the load current, the chip temperature and the
internal circuit design. To ensure stable operation, the output capacitor’s capacitance and its equivalent series
resistor (ESR) requirements given in “Functional Range” on Page 9 have to be maintained. For details, also see
the typical performance graph “Output Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on
Page 16. As the output capacitor also has to buffer load steps, it should be sized according to the application’s
needs.
An input capacitor
C
I is recommended to compensate line influences. In order to block influences like pulses and
HF distortion at input side, an additional reverse polarity protection diode and a combination of several capacitors
for filtering should be used. Connect the capacitors close to the component’s terminals.
In order to prevent overshoots during start-up, a smooth ramp up function is implemented. This ensures almost
no output voltage overshoots during start-up, mostly independent from load and output capacitance.
Whenever the load current exceeds the specified limit, e.g. in case of a short circuit, the output current is limited
and the output voltage decreases.
The overtemperature shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g.
output continuously short-circuit) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to an oscillatory behavior of the output voltage until the fault is removed. However, junction
temperatures above 150 °C are outside the maximum ratings and therefore significantly reduce the IC’s lifetime.
Figure 4
Voltage Regulation
Figure 5
Output Voltage vs. Input Voltage
LOAD
Supply
CI
Regulated
Output Voltage
IQ
II
Bandgap
Reference
GND
Q
I
Temperature
Shutdown
EN
Enable
Reset
RO
RADJ
DT1
Watchdog
WI
WO
DT2
C
ESR
CQ
VI
VQ
Current
Limitation
V
t
VQ,nom
VI
Vdr
VQ
VI,ext,min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com