Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 196Page - Microchip Technology PIC17C752-08/P Datasheet HTML 197Page - Microchip Technology PIC17C752-08/P Datasheet HTML 198Page - Microchip Technology PIC17C752-08/P Datasheet HTML 199Page - Microchip Technology PIC17C752-08/P Datasheet HTML 200Page - Microchip Technology PIC17C752-08/P Datasheet HTML 201Page - Microchip Technology PIC17C752-08/P Datasheet HTML 202Page - Microchip Technology PIC17C752-08/P Datasheet HTML 203Page - Microchip Technology PIC17C752-08/P Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 320 page
background image
PIC17C75X
DS30264A-page 200
© 1997 Microchip Technology Inc.
INFSNZ
Increment f, skip if not 0
Syntax:
[
label]
INFSNZ f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) + 1
→ (dest),
skip if not 0
Status Affected:
None
Encoding:
0010
010d
ffff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
If the result is not 0, the next instruction,
which is already fetched, is discarded,
and an NOP is executed instead mak-
ing it a two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
INFSNZ
REG, 1
ZERO
NZERO
Before Instruction
REG
=
REG
After Instruction
REG
=
REG + 1
If REG
=
1;
PC =
Address (ZERO)
If REG
=
0;
PC =
Address (NZERO)
IORLW
Inclusive OR Literal with WREG
Syntax:
[
label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .OR. (k)
→ (WREG)
Status Affected:
Z
Encoding:
1011
0011
kkkk
kkkk
Description:
The contents of WREG are OR’ed with
the eight bit literal 'k'. The result is
placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write to
WREG
Example:
IORLW
0x35
Before Instruction
WREG
=
0x9A
After Instruction
WREG
=
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com