Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 197Page - Microchip Technology PIC17C752-08/P Datasheet HTML 198Page - Microchip Technology PIC17C752-08/P Datasheet HTML 199Page - Microchip Technology PIC17C752-08/P Datasheet HTML 200Page - Microchip Technology PIC17C752-08/P Datasheet HTML 201Page - Microchip Technology PIC17C752-08/P Datasheet HTML 202Page - Microchip Technology PIC17C752-08/P Datasheet HTML 203Page - Microchip Technology PIC17C752-08/P Datasheet HTML 204Page - Microchip Technology PIC17C752-08/P Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 201
PIC17C75X
IORWF
Inclusive OR WREG with f
Syntax:
[
label ]
IORWF
f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(WREG) .OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
0000
100d
ffff
ffff
Description:
Inclusive OR WREG with register 'f'. If
'd' is 0 the result is placed in WREG. If
'd' is 1 the result is placed back in regis-
ter 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example:
IORWF
RESULT, 0
Before Instruction
RESULT =
0x13
WREG
=
0x91
After Instruction
RESULT =
0x13
WREG
=
0x93
LCALL
Long Call
Syntax:
[
label ]
LCALL
k
Operands:
0
≤ k ≤ 255
Operation:
PC + 1
→ TOS;
k
→ PCL, (PCLATH) → PCH
Status Affected:
None
Encoding:
1011
0111
kkkk
kkkk
Description:
LCALL
allows an unconditional subrou-
tine call to anywhere within the 64K pro-
gram memory space.
First, the return address (PC + 1) is
pushed onto the stack. A 16-bit desti-
nation address is then loaded into the
program counter. The lower 8-bits of
the destination address is embedded in
the instruction. The upper 8-bits of PC
is loaded from PC high holding latch,
PCLATH.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write
register PCL
No
operation
No
operation
No
operation
No
operation
Example:
MOVLW
HIGH(SUBROUTINE)
MOVPF
WREG, PCLATH
LCALL
LOW(SUBROUTINE)
Before Instruction
SUBROUTINE
=
16-bit Address
PC
=
?
After Instruction
PC
=
Address (SUBROUTINE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com