Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 202 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 202 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 198Page - Microchip Technology PIC17C752-08/P Datasheet HTML 199Page - Microchip Technology PIC17C752-08/P Datasheet HTML 200Page - Microchip Technology PIC17C752-08/P Datasheet HTML 201Page - Microchip Technology PIC17C752-08/P Datasheet HTML 202Page - Microchip Technology PIC17C752-08/P Datasheet HTML 203Page - Microchip Technology PIC17C752-08/P Datasheet HTML 204Page - Microchip Technology PIC17C752-08/P Datasheet HTML 205Page - Microchip Technology PIC17C752-08/P Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 320 page
background image
PIC17C75X
DS30264A-page 202
© 1997 Microchip Technology Inc.
MOVFP
Move f to p
Syntax:
[
label]
MOVFP f,p
Operands:
0
≤ f ≤ 255
0
≤ p ≤ 31
Operation:
(f)
→ (p)
Status Affected:
None
Encoding:
011p
pppp
ffff
ffff
Description:
Move data from data memory location 'f'
to data memory location 'p'. Location 'f'
can be anywhere in the 256 word data
space (00h to FFh) while 'p' can be 00h
to 1Fh.
Either ’p' or 'f' can be WREG (a useful
special situation).
MOVFP
is particularly useful for transfer-
ring a data memory location to a periph-
eral register (such as the transmit buffer
or an I/O port). Both 'f' and 'p' can be
indirectly addressed.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write
register 'p'
Example:
MOVFP
REG1, REG2
Before Instruction
REG1
=
0x33,
REG2
=
0x11
After Instruction
REG1
=
0x33,
REG2
=
0x33
MOVLB
Move Literal to low nibble in BSR
Syntax:
[
label ]
MOVLB k
Operands:
0
≤ k ≤ 15
Operation:
k
→ (BSR<3:0>)
Status Affected:
None
Encoding:
1011
1000
uuuu
kkkk
Description:
The four bit literal 'k' is loaded in the
Bank Select Register (BSR). Only the
low 4-bits of the Bank Select Register
are affected. The upper half of the BSR
is unchanged. The assembler will
encode the “u” fields as '0'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write literal
'k' to
BSR<3:0>
Example:
MOVLB
5
Before Instruction
BSR register
=
0x22
After Instruction
BSR register
=
0x25 (Bank 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com