Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 23Page - Microchip Technology PIC16F84-10/P Datasheet HTML 24Page - Microchip Technology PIC16F84-10/P Datasheet HTML 25Page - Microchip Technology PIC16F84-10/P Datasheet HTML 26Page - Microchip Technology PIC16F84-10/P Datasheet HTML 27Page - Microchip Technology PIC16F84-10/P Datasheet HTML 28Page - Microchip Technology PIC16F84-10/P Datasheet HTML 29Page - Microchip Technology PIC16F84-10/P Datasheet HTML 30Page - Microchip Technology PIC16F84-10/P Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 27
6.0
TIMER0 MODULE AND TMR0
REGISTER
The Timer0 module timer/counter has the following
features:
• 8-bit timer/counter
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select
• Interrupt on overflow from FFh to 00h
• Edge select for external clock
Timer mode is selected by clearing the T0CS bit
(OPTION_REG<5>). In timer mode, the Timer0 mod-
ule (Figure 6-1) will increment every instruction cycle
(without prescaler). If the TMR0 register is written, the
increment is inhibited for the following two cycles
(Figure 6-2 and Figure 6-3). The user can work around
this by writing an adjusted value to the TMR0 register.
Counter mode is selected by setting the T0CS bit
(OPTION_REG<5>). In this mode TMR0 will increment
either on every rising or falling edge of pin RA4/T0CKI.
The incrementing edge is determined by the T0 source
edge select bit, T0SE (OPTION_REG<4>). Clearing bit
T0SE selects the rising edge. Restrictions on the exter-
nal clock input are discussed in detail in Section 6.2.
The prescaler is shared between the Timer0 Module
and the Watchdog Timer. The prescaler assignment is
controlled,
in
software,
by
control
bit
PSA
(OPTION_REG<3>). Clearing bit PSA will assign the
prescaler to the Timer0 Module. The prescaler is not
readable or writable. When the prescaler (Section 6.3)
is assigned to the Timer0 Module, the prescale value
(1:2, 1:4, ..., 1:256) is software selectable.
6.1
TMR0 Interrupt
The TMR0 interrupt is generated when the TMR0
register overflows from FFh to 00h. This overflow sets
the T0IF bit (INTCON<2>). The interrupt can be
masked by clearing enable bit T0IE (INTCON<5>). The
T0IF bit must be cleared in software by the Timer0
Module interrupt service routine before re-enabling this
interrupt. The TMR0 interrupt (Figure 6-4) cannot wake
the processor from SLEEP since the timer is shut off
during SLEEP.
FIGURE 6-1:
TMR0 BLOCK DIAGRAM
FIGURE 6-2:
TMR0 TIMING: INTERNAL CLOCK/NO PRESCALER
Note 1: Bits T0CS, T0SE, PS2, PS1, PS0 and PSA are located in the OPTION_REG register.
2: The prescaler is shared with the Watchdog Timer (Figure 6-6)
RA4/T0CKI
T0SE
0
1
1
0
pin
T0CS
FOSC/4
Programmable
Prescaler
Sync with
Internal
clocks
TMR0 register
PSout
(2 cycle delay)
PSout
Data bus
8
Set bit T0IF
on Overflow
PSA
PS2, PS1, PS0
3
PC-1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC
Instruction
Fetch
TMR0
PC
PC+1
PC+2
PC+3
PC+4
PC+5
PC+6
T0
T0+1
T0+2
NT0
NT0
NT0
NT0+1
NT0+2
T0
MOVWF TMR0
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
Read TMR0
reads NT0 + 2
Instruction
Executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com