Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 93Page - Microchip Technology PIC16F84-10/P Datasheet HTML 94Page - Microchip Technology PIC16F84-10/P Datasheet HTML 95Page - Microchip Technology PIC16F84-10/P Datasheet HTML 96Page - Microchip Technology PIC16F84-10/P Datasheet HTML 97Page - Microchip Technology PIC16F84-10/P Datasheet HTML 98Page - Microchip Technology PIC16F84-10/P Datasheet HTML 99Page - Microchip Technology PIC16F84-10/P Datasheet HTML 100Page - Microchip Technology PIC16F84-10/P Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 97
12.0
DC & AC CHARACTERISTICS GRAPHS/TABLES
The graphs and tables provided in this section are for design guidance and are not tested or guaranteed.
In some graphs or tables, the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are guaranteed to operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period
of time and matrix samples. 'Typical' represents the mean of the distribution at 25
°C, while 'max' or 'min' represents
(mean + 3
σ) and (mean - 3σ) respectively, where σ is standard deviation.
FIGURE 12-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
TABLE 12-1
RC OSCILLATOR FREQUENCIES*
Cext
Rext
Average
Fosc @ 5V, 25
°C
Part to Part Variation
20 pF
5 k
4.61 MHz
± 25%
10 k
2.66 MHz
± 24%
100 k
311 kHz
± 39%
100 pF
5 k
1.34 MHz
± 21%
10 k
756 kHz
± 18%
100 k
82.8 kHz
± 28%
300 pF
5 k
428 kHz
± 13%
10 k
243 kHz
± 13%
100 k
26.2 kHz
± 23%
* Measured on DIP packages. The percentage variation indicated here is part-to-part variation due to normal process
distribution. The variation indicated is
±3 standard deviation from average value for full VDD range.
FOSC
FOSC (25
°C)
1.20
1.16
1.12
1.08
1.04
1.00
0.96
0.92
0.88
0.84
-40
-20
0
25
20
40
60
80
100
T(
°C)
Frequency normalized to +25
°C
VDD = 5.5 V
VDD = 3.5 V
Rext
= 10 kΩ
Cext = 100 pF
70
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com