Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 31Page - Microchip Technology PIC16F84-10/P Datasheet HTML 32Page - Microchip Technology PIC16F84-10/P Datasheet HTML 33Page - Microchip Technology PIC16F84-10/P Datasheet HTML 34Page - Microchip Technology PIC16F84-10/P Datasheet HTML 35Page - Microchip Technology PIC16F84-10/P Datasheet HTML 36Page - Microchip Technology PIC16F84-10/P Datasheet HTML 37Page - Microchip Technology PIC16F84-10/P Datasheet HTML 38Page - Microchip Technology PIC16F84-10/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 35
7.5
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the Data
EEPROM should be verified (Example 7-1) to the
desired value to be written. This should be used in
applications where an EEPROM bit will be stressed
near the specification limit. The Total Endurance disk
will help determine your comfort level.
Generally the EEPROM write failure will be a bit which
was written as a '1', but reads back as a '0' (due to
leakage off the bit).
EXAMPLE 7-1:
WRITE VERIFY
BCF
STATUS, RP0 ; Bank 0
:
; Any code can go here
:
;
MOVF
EEDATA, W
; Must be in Bank 0
BSF
STATUS, RP0 ; Bank 1
READ
BSF
EECON1, RD
; YES, Read the
;
value written
BCF
STATUS, RP0 ; Bank 0
;
; Is the value written (in W reg) and
;
read (in EEDATA) the same?
;
SUBWF EEDATA, W
;
BTFSS STATUS, Z
; Is difference 0?
GOTO
WRITE_ERR
; NO, Write error
:
; YES, Good write
:
; Continue program
7.6
Protection Against Spurious Writes
There are conditions when the device may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(72
ms
duration)
prevents
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during brown-out,
power glitch, or software malfunction.
7.7
Data EEPROM Operation during Code
Protect
When the device is code protected, the CPU is able to
read and write unscrambled data to the Data
EEPROM.
For ROM devices, there are two code protection bits
(Section 8.1). One for the ROM program memory and
one for the Data EEPROM memory.
TABLE 7-1
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
08h
EEDATA
EEPROM data register
xxxx xxxx
uuuu uuuu
09h
EEADR
EEPROM address register
xxxx xxxx
uuuu uuuu
88h
EECON1
—
—
—
EEIF
WRERR
WREN
WR
RD
---0 x000
---0 q000
89h
EECON2
EEPROM control register 2
---- ----
---- ----
Legend: x = unknown, u = unchanged, - = unimplemented read as '0', q = value depends upon condition. Shaded cells are not
used by Data EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com