Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 77Page - Microchip Technology PIC16F84-10/P Datasheet HTML 78Page - Microchip Technology PIC16F84-10/P Datasheet HTML 79Page - Microchip Technology PIC16F84-10/P Datasheet HTML 80Page - Microchip Technology PIC16F84-10/P Datasheet HTML 81Page - Microchip Technology PIC16F84-10/P Datasheet HTML 82Page - Microchip Technology PIC16F84-10/P Datasheet HTML 83Page - Microchip Technology PIC16F84-10/P Datasheet HTML 84Page - Microchip Technology PIC16F84-10/P Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
PIC16F83/84
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 81
FIGURE 10-4: CLKOUT AND I/O TIMING
TABLE 10-4
CLKOUT AND I/O TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10
TosH2ckL
OSC1
↑ to CLKOUT↓
PIC16F8X
—
15
30 *
ns
Note 1
10A
PIC16LF8X
—
15
120 *
ns
Note 1
11
TosH2ckH
OSC1
↑ to CLKOUT↑
PIC16F8X
—
15
30 *
ns
Note 1
11A
PIC16LF8X
—
15
120 *
ns
Note 1
12
TckR
CLKOUT rise time
PIC16F8X
—
15
30 *
ns
Note 1
12A
PIC16LF8X
—
15
100 *
ns
Note 1
13
TckF
CLKOUT fall time
PIC16F8X
—
15
30 *
ns
Note 1
13A
PIC16LF8X
—
15
100 *
ns
Note 1
14
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
0.5TCY +20 *
ns
Note 1
15
TioV2ckH
Port in valid before
PIC16F8X
0.30TCY + 30 *
—
—
ns
Note 1
CLKOUT
↑
PIC16LF8X
0.30TCY + 80 *
—
—
ns
Note 1
16
TckH2ioI
Port in hold after CLKOUT
↑
0 *
—
—
ns
Note 1
17
TosH2ioV
OSC1
↑ (Q1 cycle) to
PIC16F8X
—
—
125 *
ns
Port out valid
PIC16LF8X
—
—
250 *
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port input invalid
(I/O in hold time)
PIC16F8X
10 *
—
—
ns
PIC16LF8X
10 *
—
—
ns
19
TioV2osH
Port input valid to
OSC1
↑
(I/O in setup time)
PIC16F8X
-75 *
—
—
ns
PIC16LF8X
-175 *
—
—
ns
20
TioR
Port output rise time
PIC16F8X
—
10
35 *
ns
20A
PIC16LF8X
—
10
70 *
ns
21
TioF
Port output fall time
PIC16F8X
—
10
35 *
ns
21A
PIC16LF8X
—
10
70 *
ns
22
Tinp
INT pin high
PIC16F8X
20 *
—
—
ns
22A
or low time
PIC16LF8X
55 *
—
—
ns
23
Trbp
RB7:RB4 change INT
PIC16F8X
TOSC §
—
—
ns
23A
high or low time
PIC16LF8X
TOSC §
—
—
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
§
By design
Note 1: Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
old value
new value
Note: All tests must be done with specified capacitive loads (Figure 10-2) 50 pF on I/O pins and CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com