Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 10Page - Microchip Technology PIC16F84-10/P Datasheet HTML 11Page - Microchip Technology PIC16F84-10/P Datasheet HTML 12Page - Microchip Technology PIC16F84-10/P Datasheet HTML 13Page - Microchip Technology PIC16F84-10/P Datasheet HTML 14Page - Microchip Technology PIC16F84-10/P Datasheet HTML 15Page - Microchip Technology PIC16F84-10/P Datasheet HTML 16Page - Microchip Technology PIC16F84-10/P Datasheet HTML 17Page - Microchip Technology PIC16F84-10/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
PIC16F8X
DS30430C-page 14
© 1998 Microchip Technology Inc.
TABLE 4-1
REGISTER FILE SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note3)
Bank 0
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
---- ----
---- ----
01h
TMR0
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
02h
PCL
Low order 8 bits of the Program Counter (PC)
0000 0000
0000 0000
03h
STATUS
(2)
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer 0
xxxx xxxx
uuuu uuuu
05h
PORTA
—
—
—
RA4/T0CKI
RA3
RA2
RA1
RA0
---x xxxx
---u uuuu
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
xxxx xxxx
uuuu uuuu
07h
Unimplemented location, read as '0'
---- ----
---- ----
08h
EEDATA
EEPROM data register
xxxx xxxx
uuuu uuuu
09h
EEADR
EEPROM address register
xxxx xxxx
uuuu uuuu
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of the PC
(1)
---0 0000
---0 0000
0Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
Bank 1
80h
INDF
Uses contents of FSR to address data memory (not a physical register)
---- ----
---- ----
81h
OPTION_
REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h
PCL
Low order 8 bits of Program Counter (PC)
0000 0000
0000 0000
83h
STATUS
(2)
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
84h
FSR
Indirect data memory address pointer 0
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
—
PORTA data direction register
---1 1111
---1 1111
86h
TRISB
PORTB data direction register
1111 1111
1111 1111
87h
Unimplemented location, read as '0'
---- ----
---- ----
88h
EECON1
—
—
—
EEIF
WRERR
WREN
WR
RD
---0 x000
---0 q000
89h
EECON2
EEPROM control register 2 (not a physical register)
---- ----
---- ----
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of the PC
(1)
---0 0000
---0 0000
0Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
Legend: x = unknown, u = unchanged. - = unimplemented read as '0', q = value depends on condition.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a slave register for PC<12:8>. The contents
of PCLATH can be transferred to the upper byte of the program counter, but the contents of PC<12:8> is never trans-
ferred to PCLATH.
2:
The TO and PD status bits in the STATUS register are not affected by a MCLR reset.
3:
Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com