Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 25Page - Microchip Technology PIC16F84-10/P Datasheet HTML 26Page - Microchip Technology PIC16F84-10/P Datasheet HTML 27Page - Microchip Technology PIC16F84-10/P Datasheet HTML 28Page - Microchip Technology PIC16F84-10/P Datasheet HTML 29Page - Microchip Technology PIC16F84-10/P Datasheet HTML 30Page - Microchip Technology PIC16F84-10/P Datasheet HTML 31Page - Microchip Technology PIC16F84-10/P Datasheet HTML 32Page - Microchip Technology PIC16F84-10/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 29
6.2
Using TMR0 with External Clock
When an external clock input is used for TMR0, it must
meet
certain
requirements.
The
external
clock
requirement is due to internal phase clock (TOSC)
synchronization. Also, there is a delay in the actual
incrementing
of
the
TMR0
register
after
synchronization.
6.2.1
EXTERNAL CLOCK SYNCHRONIZATION
When no prescaler is used, the external clock input is
the same as the prescaler output. The synchronization
of pin RA4/T0CKI with the internal phase clocks is
accomplished by sampling the prescaler output on the
Q2 and Q4 cycles of the internal phase clocks
(Figure 6-5). Therefore, it is necessary for T0CKI to be
high for at least 2Tosc (plus a small RC delay) and low
for at least 2Tosc (plus a small RC delay). Refer to the
electrical specification of the desired device.
When a prescaler is used, the external clock input is
divided by an asynchronous ripple counter type
prescaler so that the prescaler output is symmetrical.
For
the
external
clock
to
meet
the
sampling
requirement, the ripple counter must be taken into
account. Therefore, it is necessary for T0CKI to have a
period of at least 4Tosc (plus a small RC delay) divided
by the prescaler value. The only requirement on T0CKI
high and low time is that they do not violate the
minimum pulse width requirement of 10 ns. Refer to
parameters 40, 41 and 42 in the AC Electrical
Specifications of the desired device.
6.2.2
TMR0 INCREMENT DELAY
Since the prescaler output is synchronized with the
internal clocks, there is a small delay from the time the
external clock edge occurs to the time the Timer0
Module is actually incremented. Figure 6-5 shows the
delay from the external clock edge to the timer
incrementing.
6.3
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 Module, or as a postscaler for the Watchdog
Timer (Figure 6-6). For simplicity, this counter is being
referred to as “prescaler” throughout this data sheet.
Note that there is only one prescaler available which is
mutually exclusive between the Timer0 Module and the
Watchdog Timer. Thus, a prescaler assignment for the
Timer0 Module means that there is no prescaler for the
Watchdog Timer, and vice-versa.
The PSA and PS2:PS0 bits (OPTION_REG<3:0>)
determine the prescaler assignment and prescale ratio.
When assigned to the Timer0 Module, all instructions
writing to the Timer0 Module (e.g., CLRF 1, MOVWF 1,
BSF
1,x
....etc.) will clear the prescaler. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler along with the Watchdog Timer. The
prescaler is not readable or writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com