Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 48Page - Microchip Technology PIC16F84-10/P Datasheet HTML 49Page - Microchip Technology PIC16F84-10/P Datasheet HTML 50Page - Microchip Technology PIC16F84-10/P Datasheet HTML 51Page - Microchip Technology PIC16F84-10/P Datasheet HTML 52Page - Microchip Technology PIC16F84-10/P Datasheet HTML 53Page - Microchip Technology PIC16F84-10/P Datasheet HTML 54Page - Microchip Technology PIC16F84-10/P Datasheet HTML 55Page - Microchip Technology PIC16F84-10/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
PIC16F8X
DS30430C-page 52
© 1998 Microchip Technology Inc.
8.12.3
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction, the SLEEP instruction will com-
plete as a NOP. Therefore, the WDT and WDT
postscaler will not be cleared, the TO bit will not
be set and PD bits will not be cleared.
• If the interrupt occurs during or after the execu-
tion of a SLEEP instruction, the device will immedi-
ately wake up from sleep. The SLEEP instruction
will be completely executed before the wake-up.
Therefore, the WDT and WDT postscaler will be
cleared, the TO bit will be set and the PD bit will
be cleared.
Even if the flag bits were checked before executing a
SLEEP
instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction was
executed as a NOP.
To ensure that the WDT is cleared, a CLRWDT instruc-
tion should be executed before a SLEEP instruction.
8.13
Program Verification/Code Protection
If
the
code
protection
bit(s)
have
not
been
programmed, the on-chip program memory can be
read out for verification purposes.
8.14
ID Locations
Four memory locations (2000h - 2003h) are designated
as ID locations to store checksum or other code
identification
numbers. These
locations
are
not
accessible during normal execution but are readable
and writable only during program/verify. Only the
4 least significant bits of ID location are usable.
For ROM devices, these values are submitted along
with the ROM code.
8.15
In-Circuit Serial Programming
PIC16F8X
microcontrollers
can
be
serially
programmed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground, and the programming
voltage. Customers can manufacture boards with
unprogrammed
devices,
and
then
program
the
microcontroller just before shipping the product,
allowing the most recent firmware or custom firmware
to be programmed.
The device is placed into a program/verify mode by
holding the RB6 and RB7 pins low, while raising the
MCLR pin from VIL to VIHH (see programming
specification). RB6 becomes the programming clock
and RB7 becomes the programming data. Both RB6
and RB7 are Schmitt Trigger inputs in this mode.
After reset, to place the device into programming/verify
mode, the program counter (PC) points to location 00h.
A 6-bit command is then supplied to the device, 14-bits
of program data is then supplied to or from the device,
using load or read-type instructions. For complete
details of serial programming, please refer to the
PIC16CXX Programming Specifications (Literature
#DS30189).
FIGURE 8-20: TYPICAL IN-SYSTEM SERIAL
PROGRAMMING
CONNECTION
For ROM devices, both the program memory and Data
EEPROM memory may be read, but only the Data
EEPROM memory may be programmed.
Note:
Microchip does not recommend code pro-
tecting widowed devices.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16FXX
VDD
VSS
MCLR/VPP
RB6
RB7
+5V
0V
VPP
CLK
Data I/O
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com