Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10/P Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16F84-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10/P Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16F84-10/P Datasheet HTML 109Page - Microchip Technology PIC16F84-10/P Datasheet HTML 110Page - Microchip Technology PIC16F84-10/P Datasheet HTML 111Page - Microchip Technology PIC16F84-10/P Datasheet HTML 112Page - Microchip Technology PIC16F84-10/P Datasheet HTML 113Page - Microchip Technology PIC16F84-10/P Datasheet HTML 114Page - Microchip Technology PIC16F84-10/P Datasheet HTML 115Page - Microchip Technology PIC16F84-10/P Datasheet HTML 116Page - Microchip Technology PIC16F84-10/P Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 113
APPENDIX A: FEATURE
IMPROVEMENTS -
FROM PIC16C5X TO
PIC16F8X
The following is the list of feature improvements over
the PIC16C5X microcontroller family:
1.
Instruction word length is increased to 14 bits.
This allows larger page sizes both in program
memory (2K now as opposed to 512 before) and
the register file (128 bytes now versus 32 bytes
before).
2.
A PC latch register (PCLATH) is added to handle
program memory paging. PA2, PA1 and PA0 bits
are removed from the status register and placed
in the option register.
3.
Data memory paging is redefined slightly. The
STATUS register is modified.
4.
Four
new
instructions
have
been
added:
RETURN
, RETFIE, ADDLW, and SUBLW. Two
instructions, TRIS and OPTION, are being
phased
out
although
they
are
kept
for
compatibility with PIC16C5X.
5.
OPTION
and
TRIS
registers
are
made
addressable.
6.
Interrupt capability is added. Interrupt vector is
at 0004h.
7.
Stack size is increased to 8 deep.
8.
Reset vector is changed to 0000h.
9.
Reset of all registers is revisited. Five different
reset (and wake-up) types are recognized.
Registers are reset differently.
10. Wake up from SLEEP through interrupt is
added.
11. Two separate timers, the Oscillator Start-up
Timer (OST) and Power-up Timer (PWRT), are
included for more reliable power-up. These
timers
are
invoked
selectively
to
avoid
unnecessary delays on power-up and wake-up.
12. PORTB has weak pull-ups and interrupt on
change features.
13. T0CKI pin is also a port pin (RA4/T0CKI).
14. FSR is a full 8-bit register.
15. "In system programming" is made possible. The
user can program PIC16CXX devices using only
five pins: VDD, VSS, VPP, RB6 (clock) and RB7
(data in/out).
APPENDIX B: CODE COMPATIBILITY
- FROM PIC16C5X TO
PIC16F8X
To convert code written for PIC16C5X to PIC16F8X,
the user should take the following steps:
1.
Remove any program memory page select
operations (PA2, PA1, PA0 bits) for CALL, GOTO.
2.
Revisit any computed jump operations (write to
PC or add to PC, etc.) to make sure page bits
are set properly under the new scheme.
3.
Eliminate any data memory page switching.
Redefine data variables for reallocation.
4.
Verify all writes to STATUS, OPTION, and FSR
registers since these have changed.
5.
Change reset vector to 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com