Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A13 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
32
December 10, 2012
8.
Async Timer Controller
8.1.
Overview
The chip implements 6 timers.
Timer 0/1/2 can take their inputs from the PLL6/6 or OSC24M. They provide the operating
system‟s scheduler interrupt. It is designed to offer maximum accuracy and efficient management,
even for systems with long or short response time. They provide 32-bit programmable overflow
counter and work in auto-reload mode or no-reload mode.
The watch-dog is used to resume controller operation by generating a general reset or an interrupt
request when it is disturbed by malfunctions such as noise sand system errors. It features a down
counter that allows a watchdog period of up to 16 seconds.
Timer 3 is used for OS to generate a periodic interrupt.
9.
Sync Timer Controller
9.1.
Overview
The chip implements 2 sync timers for high-speed counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com