Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A13 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers A13 Datasheet HTML 38Page - List of Unclassifed Manufacturers A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
38
December 10, 2012
14.
SD3.0 Controller
14.1.
Overview
The SD3.0 controller can be configured as a Secure Digital Multimedia Card controller, which
simultaneously supports Secure Digital memory (SD Memo), UHS-1 Card, Secure Digital I/O
(SDIO), Multimedia Cards (MMC), eMMC Card and Consumer Electronics Advanced Transport
Architecture (CE-ATA).
The SD3.0 controller features:
Support Secure Digital memory protocol commands (up to SD3.0)
Support Secure Digital I/O protocol commands
Support Multimedia Card protocol commands (up to MMC4.3)
Support CE-ATA digital protocol commands
Support eMMC boot operation and alternative boot operation
Support Command Completion signal and interrupt to host processor and Command
Completion Signal disable feature
Support one SD (Verson1.0 to 3.0) or MMC (Verson3.3 to 4.3) or CE-ATA device
Support hardware CRC generation and error detection
Support programmable baud rate
Support host pull-up control
Support SDIO interrupts in 1-bit and 4-bit modes
Support SDIO suspend and resume operation
Support SDIO read wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com