Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers A13 Datasheet HTML 4Page - List of Unclassifed Manufacturers A13 Datasheet HTML 5Page - List of Unclassifed Manufacturers A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers A13 Datasheet HTML 8Page - List of Unclassifed Manufacturers A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers A13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
5
December 10, 2012
1.
Introduction
Allwinner Tech has expanded its processor lineup to include a new ARM Cortex-A8 chip A13
which is even more competitive for Android tablets with higher performance (ManyCore Lite),
lower power consumption, and lower total system cost. As the brains of Android 4.0, A13 makes
multitasking smoother, apps loading more quickly, and anything you touch responds instantly.
What‟s more important, A13 is available in eLQFP176 package with Audio Codec and R-TP
integrated.
2.
Features
CPU
ARM Cortex-A8 Core
32KB Instruction Cache and 32KB Data Cache
256KB L2 Cache
NEON
TM SIMD Coprocessor
RCT JAVA-Accelerations
to
optimize
just
in
time(JIT)
and
dynamitic
adaptive
compilation(DAC), and reduces memory footprint up to three times
GPU
3D Graphic Engine
Support Open GL ES 1.1/ 2.0 and open VG 1.1
VPU
Video Decoding (FULL HD)
Support all popular video formats, including VP6/8, AVS, H.264, H.263 , MPEG-1/2/4,
etc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com