Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A13 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers A13 Datasheet HTML 49Page - List of Unclassifed Manufacturers A13 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
45
December 10, 2012
18.
CIR Interface
18.1.
Overview
The CIR features:
Full physical layer implementation
Support CIR for remote control or wireless keyboard
Dual 8x16-bit FIFO for data transfer
Programmable FIFO thresholds
Support Interrupt and DMA
CIR receiver is implemented in hardware to save CPU resource. It samples the input signals on the
programble frequency and records these samples into RX FIFO when one CIR signal is found on
the air. The CIR receiver uses Run-Length Code (RLC) to encode pulse width, and the encoded
data is buffered in a 64 levels and 8-bit width RX FIFO: the MSB bit is used to record the polarity
of the receiving CIR signal (The high level is represented as 1 and the low level is represented as
0), and the rest 7 bits are used for the length of RLC. The maximum length is 128. If the duration
of one level (high or low) is more than 128, another byte is used. Since there are always some
noises in the air, a threshold can be set to filter the noises to reduce system loading and improve
system stability.
18.2.
CIR Controller Signal Description
Signal Name
Description
Type
IR_TX
CIR Transmit Data signal
O
IR_RX
CIR Receive Data signal
I
Table 18. CIR Controller Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com