Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A13 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers A13 Datasheet HTML 49Page - List of Unclassifed Manufacturers A13 Datasheet HTML 50Page - List of Unclassifed Manufacturers A13 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
46
December 10, 2012
19.
USB DRD Controller
19.1.
Overview
The USB DRD is dual-role controller supporting Host and device functions. It can also be
configured as a Host-only or Device-only controller, full compliant with the USB 2.0
Specification. The USB DRD can support high-speed (HS, 480-Mbps), full-speed (FS, 12-Mbps),
and low-speed (LS, 1.5-Mbps) transfers in Host mode, support high-speed (HS, 480-Mbps) and
full-speed (FS, 12-Mbps) in Device mode.
The USB2.0 DRD controller (SIE) features:
64-Byte Endpoint 0 for Control Transfer
Support up to 5 User-Configurable Endpoints for Bulk , Isochronous, Control and Interrupt
bi-directional transfers
Support High-Bandwidth Isochronous & Interrupt transfers
Support point-to-point and point-to-multipoint transfer in both Host and Peripheral mode
19.2.
USB DRD Controller Signal Description
Signal Name
Description
Type
UDM0
USB0 DRD DM
IO
UDP0
USB0 DRD DP
IO
Table 19. USB DRD Controller Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com