Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-2001 Datasheet(PDF) 20 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 16Page - ON Semiconductor KAI-2001 Datasheet HTML 17Page - ON Semiconductor KAI-2001 Datasheet HTML 18Page - ON Semiconductor KAI-2001 Datasheet HTML 19Page - ON Semiconductor KAI-2001 Datasheet HTML 20Page - ON Semiconductor KAI-2001 Datasheet HTML 21Page - ON Semiconductor KAI-2001 Datasheet HTML 22Page - ON Semiconductor KAI-2001 Datasheet HTML 23Page - ON Semiconductor KAI-2001 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
KAI−2001
www.onsemi.com
20
OPERATION
Absolute Maximum Ratings
Absolute maximum rating is defined as a level or
condition that should not be exceeded at any time per the
description. If the level or the condition is exceeded,
the device will be degraded and may be damaged.
Table 8. ABSOLUTE MAXIMUM RATINGS
Description
Symbol
Minimum
Maximum
Unit
Notes
Operating Temperature
TOP
−50
70
°C
1
Humidity
RH
5
90
%
2
Output Bias Current
IOUT
0.0
10
mA
3
Off-Chip Load
CL
−
10
pF
4
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Noise performance will degrade at higher temperatures.
2. T = 25
°C. Excessive humidity will degrade MTTF.
3. Total for both outputs. Current is 5 mA for each output. Note that the current bias affects the amplifier bandwidth.
4. With total output load capacitance of CL = 10 pF between the outputs and AC ground.
Table 9. MAXIMUM VOLTAGE RATINGS BETWEEN PINS
Description
Minimum
Maximum
Unit
Notes
RL, RR, H1S, H2S, H1BL, H2BL, H1BR, H2BR, H1BR,
OGL, OGR to ESD
0
17
V
Pin to Pin with ESD Protection
−17
17
V
1
VDDL, VDDR to GND
0
25
V
1. Pins with ESD protection are: RL, RR, H1S, H2S, H1BL, H2BL, H1BR, H2BR, OGL, and OGR.
Table 10. DC BIAS OPERATING CONDITIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Maximum
DC Current
Notes
Output Gate
OG
−3.0
−2.5
−2.0
V
1
mA
Reset Drain
RD
11.5
12.0
12.5
V
1
mA
Output Amplifier Supply
VDD
14.5
15.0
15.5
V
1 mA
1
Ground
GND
0.0
0.0
0.0
V
Substrate
SUB
8.0
VAB
17.0
V
2, 4
ESD Protection
ESD
−8.0
−7.0
−6.0
V
3
Output Amplifier Return
VSS
0.0
0.7
1.0
V
1. The operating value of the substrate voltage, VAB, will be marked on the shipping container for each device. The value VAB is set such that
the photodiode charge capacity is 40,000 electrons.
2. VESD must be at least 1 V more negative than H1L, H2L and RL during sensors operation AND during camera power turn on.
3. One output, unloaded.
4. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com