Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-2001 Datasheet(PDF) 34 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 28Page - ON Semiconductor KAI-2001 Datasheet HTML 29Page - ON Semiconductor KAI-2001 Datasheet HTML 30Page - ON Semiconductor KAI-2001 Datasheet HTML 31Page - ON Semiconductor KAI-2001 Datasheet HTML 32Page - ON Semiconductor KAI-2001 Datasheet HTML 33Page - ON Semiconductor KAI-2001 Datasheet HTML 34Page - ON Semiconductor KAI-2001 Datasheet HTML 35Page - ON Semiconductor KAI-2001 Datasheet HTML 36Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
KAI−2001
www.onsemi.com
34
Die to Package Alignment
Figure 37. Die to Package Alignment
1. Center of image is offset from center of package
by (0.00, 0.00) mm nominal.
2. Die is aligned within
±2 degree of any package
cavity edge.
Notes:
Dimensions Units: IN [MM]
Tolerances: Unless otherwise specified
Ceramic
±1% no less than 0.005″
L/F
±1% no more than 0.005″



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com