Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 5 Page - Microsemi Corporation

  FDS4953 Datasheet HTML 1Page - Microsemi Corporation FDS4953 Datasheet HTML 2Page - Microsemi Corporation FDS4953 Datasheet HTML 3Page - Microsemi Corporation FDS4953 Datasheet HTML 4Page - Microsemi Corporation FDS4953 Datasheet HTML 5Page - Microsemi Corporation FDS4953 Datasheet HTML 6Page - Microsemi Corporation FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.1, 2000-12-01
QUICK START GUIDE
The LXE1710 Evaluation Board is a fully functional,
Class-D Amplifier.
Connection to a single supply
voltage (VDD from either a battery or power supply),
speakers, and your audio source is all that is required
to begin evaluating the amplifier and listening to music.
The following outlines the necessary connections and
control jumpers.
1) Verify contents of Evaluation Kit: The easy-to-
use amplifier is all contained on a single board.
Visually inspect to see if the board or any
components were damaged during shipping.
All components are located on the top side of
the PCB except for the decoupling capacitor,
C17.
A copy of the LX1710/1711 Datasheet
should also be enclosed or a PDF version can
be
downloaded
from
the
Microsemi.com
website
(http://www.microsemi.com/datasheets/MSC1580.PDF).
2) Power and Ground Connections: The voltage
supply and ground connections are made
through terminal block TB1. Connect your “+”
(+7V to +15V) power supply or battery to the
+V input of TB1.
Connect your supply or
battery ground to the GND input of TB1.
Please ensure the correct positive and ground
connections are made before turning on the
power supply.
3) Speaker Connection: The amplifier is designed
   $  ! #" 
“+” and “-“ to the +OUT and –OUT input of
terminal block TB2 respectively. The amplifier
can be used to drive other speaker loads but
frequency response may not be optimal. See
LC filter design section for recommended
inductor and capacitor modifications.
4) Audio Input Connection: Connect your audio
source to the RCA Jack CN1, Audio In.
For
other type interfaces, the audio input signal can
also be connected to the amplifier board using
the J3 (In- and In+) location. Strip Line Plugs
can be inserted into J3 for connectivity.
5) Jumper Selection Controls: The “on/off” or
enable to the module is controlled with the
SLEEP/ signal.
Jumper J1 connects the
SLEEP/ to “on” or “ off”. SLEEP/ is an active
Low control.
Jumper J2 connects the MUTE
control which enables/disables the audio input
to the amplifier. MUTE is an active High signal.
See table below.
6) Power Source: If a power supply is being used,
make sure it is set to the correct voltage level
and turn the power supply on.
7) Audio Source: Make sure the audio source
signal is set to a minimum level. Start or “play”
audio source and adjust source volume to
desired level.
8) Listen to AudioMAX: If the amplifier is not
operating properly, verify preceding steps or
contact Linfinity for technical assistance (714)
898-8121.
Jumper
toward
OFF
Jumper
toward
ON
Jumper
floating
J1 Jumper:
SLEEP/
Amplifier
enabled
(SLEEP/ is
OFF)
Amplifier
disabled
(SLEEP/ is
ON)
Amplifier
disabled
(SLEEP/ is
ON)
J2 Jumper:
MUTE
Audio Input
enabled
(MUTE is
OFF)
Audio Input
disabled
(MUTE is ON)
Audio Input
enabled
(MUTE is
OFF)
  Jumper Settings
To Power Supply +V
7V-15V for LX1710
7V-25V for LX1711
To Speaker +
To Speaker -
To Power Supply
Ground
Optional
Audio In -
Optional
Audio In +
To Audio
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com