Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 3Page - Microsemi Corporation FDS4953 Datasheet HTML 4Page - Microsemi Corporation FDS4953 Datasheet HTML 5Page - Microsemi Corporation FDS4953 Datasheet HTML 6Page - Microsemi Corporation FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation FDS4953 Datasheet HTML 10Page - Microsemi Corporation FDS4953 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2000
Rev. 1.1, 2000-12-01
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C<TA<70°C.
For test circuit, see LXE1710 Evaluation Board Schematic diagram.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX
UNITS
Supply Voltage LX1710
VDD
7
15
V
Supply Current
IDD
VIN=15V, PO=38W, RL

THD+N=1%
3
A
Quiescent Current
IQ
VIN=15V, No Input
43
mA
VIN=15V, RL
   
10Hz to 22kHz
14
W
VIN=15V, RL
   
10Hz to 22kHz
25
W
Output Power
PO
VIN=15V, RL
   
10Hz to 22kHz
38
W
VIN=15V, fIN=1kHz, PO=10W
82
%
Efficiency
VIN=15V, fIN=1kHz, PO=20W
85
%
fIN=1kHz, PO=1W
0.05
%
Total Harmonic Distortion Plus
Noise
THD+N
fIN=20Hz to 20kHz, PO=1W
0.3
%
Signal-To-Noise Ratio
SNR
81
dBV
Power Supply Rejection Ratio
PSRR
VIN=15V, VRIPPLE=1VRMS,
10Hz to 10kHz
-70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com