Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation FDS4953 Datasheet HTML 10Page - Microsemi Corporation FDS4953 Datasheet HTML 11Page - Microsemi Corporation FDS4953 Datasheet HTML 12Page - Microsemi Corporation FDS4953 Datasheet HTML 13Page - Microsemi Corporation FDS4953 Datasheet HTML 14Page - Microsemi Corporation FDS4953 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2000
Rev. 1.1, 2000-12-01
MOSFET SELECTION
As seen in previous sections, the user can design the
output filter of the amplifier to meet performance or
costs targets. In addition, the amplifier’s power stage
(selection of MOSFETs) can be selected depending on
these tradeoffs. The efficiency of the amplifier circuit
can be approximated by the following equation.
CROSS
L
IND
PDS
NDS
L
IN
OUT
P
R
R
R
R
I
R
I
P
P
+
+
+
+
=
=
]
)
(
2
[

2
2
Where
RL
=
DC Resistance of Speaker
RNDS
=
n-channel MOSFET on-resistance
RPDS
=
p-channel MOSFET on-resistance
RIND
=
DC Resistance of Inductor
PCROSS =
MOSFET Switching Loss
The overall efficiency is a function of primarily the
MOSFETs and output filter inductors. The “Inductor”
section’s contribution will be considered later.
The
MOSFET Power loss is a function of the on-resistance
and gate charge.
 
A
R
P
I
W
P
R
R
I
P
O
PDS
NDS
DS
5
.
2
4
25
Then
4
at
25
If
)]
(
2
[
Loss
Power
MOSFET
2
=
=
=
Ω
=
+
=
=
The LX1710 Evaluation Board is designed using
FDS4953
p-channel
and
FDS6612A
n-channel
MOSFETS.
W
P
R
R
DS
PDS
NDS
56
.
1
)]
095
.
0
03
.
0
(
2
[
)
5
.
2
(
095
.
0
,
03
.
0
2
=
+
=
Ω
=
Ω
=
MOSFET power loss is proportional to on-resistance.
   
n
f
CV
P
S
CROSS
2
Loss
Switching
MOSFET
=
=
Where
C
= Input Capacitance
V
= Supply Voltage
fS
= Switching Frequency
n
= Number of MOSFETS
Assume
C
= 1000pF
V
= 15VDC
fS
= 500kHz
W
PCROSS
45
.
0
)
4
)(
10
500
)(
15
)(
10
1
(
3
2
9
=
×
×
=
−
MOSFET switching loss is proportional to total gate
charge, supply voltage, and switching frequency.
There are a few other important parameters to
consider when selecting the output power components
besides the on-resistance and gate charge of the
MOSFETs.
The drain-source voltage must provide
ample margin for circuit noise and high speed
switching transients. Since the amplifier configuration
requires output bridge operation at the supply voltage,
the MOSFETs should have a drain-source voltage of
at least 50% greater than the supply voltage.
The
power dissipation of the MOSFETs should also be
able to dissipate the heat generated by the internal
losses and be greater than the sum of PDS and PCROSS.
Linfinity recommends that in selecting MOSFETs, RDS
0 1!1  2g <10nC. The table below provides
several MOSFET options
.
FDS6612A
FDS4953
Si4532ADY
IRF7105
n-channel p-channel n-channel p-channel n-channel p-channel
Drain-Source On-Resistance
RDS(ON)@VGS = +/-10V

0.022
0.053
0.053
0.08
0.10
0.25
Drain-Source Voltage
VDSS (V)
30
-30
30
-30
25
-25
Drain Current (continuous)
ID(continuous) (A)
8.4
-5
4.9
-3.9
3.5
-2.3
Total Gate Charge
Qg (typical) (nC)
9
8
8
10
9.4
10
Manufacturer
Fairchild
Fairchild
Vishay
Siliconix
Vishay
Siliconix
International
Rectifier
International
Rectifier
  MOSFET Component Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com