Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 10Page - Microsemi Corporation FDS4953 Datasheet HTML 11Page - Microsemi Corporation FDS4953 Datasheet HTML 12Page - Microsemi Corporation FDS4953 Datasheet HTML 13Page - Microsemi Corporation FDS4953 Datasheet HTML 14Page - Microsemi Corporation FDS4953 Datasheet HTML 15Page - Microsemi Corporation FDS4953 Datasheet HTML 16Page - Microsemi Corporation FDS4953 Datasheet HTML 17Page - Microsemi Corporation FDS4953 Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 14
Copyright
© 2000
Rev. 1.1, 2000-12-01
GATE RESISTOR
Series resistors (R6, R10, R11, R12) can be added to
the gate of MOSFETs (Q1 to Q4) to control the
switching transition times.
This reduces signal
distortion as seen in the THD+N vs. Output Power
graph below.
The slower switching speeds will
however, increase power dissipation and therefore
slightly decrease the overall efficiency of the amplifier.
P+
N+
OUT+
VIN
Q1
Q2
R12
10
Ω
R11
10
Ω
- 3451  .  1 $
resistors, which improves (decreases) the THD+N
from 0.1% to 0.05% with a slight impact on efficiency
of approximately 2%. The recommended gate resistor
  1  6!
OSCILLATOR CONFIGURATION
The oscillator is programmed by the external timing
components RPWM and CPWM.
For a nominal
frequency of 333kHz, RPWM and CPWM should be
set to 49.9kOhms and 100pF respectively. Note that
in order to keep the slope of the PWM ramp voltage
proportional to the supply voltage, both the ramp peak
and valley voltages, and the charge and discharge
currents are proportional to the supply voltage. This
keeps the frequency relatively constant while keeping
the slope of the PWM ramp proportional to the voltage
on the VDD pin. For operating frequencies other than
333kHz, the frequency can be approximated by the
following equation:
ns
C
R
PWM
PWM
320
)
)(
)(
577
.
0
(
1
Frequency
+
=
MULTI CHANNEL REQUIREMENTS AND FREQUENCY
SYNCHRONIZATION
For applications that require more than a single
channel, the oscillators of
multiple LX1710/1711
controllers
can
be
configured
for
synchronous
operation.
One unit, the master, is programmed for
the desired frequency with the RPWM and CPWM as
usual.
Additional units will be slave units, and their
oscillators will be disabled by leaving the RPWM pin
disconnected. The CLOCK pin and the CPWM pin of
the slave units should be tied to the CLOCK pin and
the CPWM pin of the master unit respectively. In this
configuration, the CLOCK pins of the slave units begin
receiving instead of transmitting clock pulses.
Also,
the CPWM pins quit driving the PWM capacitor in the
slave units.
Note that for optimum performance, all
slave units should be located within a few inches of the
master unit.
Gate Resistor Impact On THD+N
0.001
100
0.005
0.01
0.1
1
2
10
20
50
0.26978
0.04675
50m
30
100m
200m
500m
1
2
5
10
20 24.56
1.131
O utput P ower (W )
N o G ate R esistor
W ith 10
Ω Gate Resistor
VIN = 15V
fIN = 1kHz
RL




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com