Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 2Page - Microsemi Corporation FDS4953 Datasheet HTML 3Page - Microsemi Corporation FDS4953 Datasheet HTML 4Page - Microsemi Corporation FDS4953 Datasheet HTML 5Page - Microsemi Corporation FDS4953 Datasheet HTML 6Page - Microsemi Corporation FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation FDS4953 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.1, 2000-12-01
SCHEMATIC
VDD
PVDD
CP
RPW M
CPW M
VREF
V25
GN D
SLEEP
MUTE
INAMPO UT
INPUT +
INPUT -
EAO UT
EAIN
FA O U T
S TA TU S
CLO C K
P+
PG ND
CN
FB K +
FB K -
N+
P-
N-
IS -
R 5 34.8 K
R 1 56.2 K
R 2 10K
C11
4.7µ F
C3
470 nF
C14
470 nF
C4
150 pF
C5
18p F
R 8 10K
R 9 10K
C26
330 pF
C2
1µ F
C1
1µ F
C16
100 pF
MU TE
SLEEP
V
IN
7V to 15V
C22
.1µ F
R11
10 o hm
R6
10 o hm
R10
10 o hm
R12
10 o hm
Q3
Q2
Q4
C8
.1µ F
50V
RS1
.034 7
C17
220µF
25V
Q1
C12
.1µ F
C10
4.7µ F
R13
15 o hm
1W
L1 15µH
L2 15µH
C20
.68µ F
C21
.68µ F
C19
.47µ F
C18
.47µ F
R3
24.3 K
C7
220 pF
R4
24.3 K
C6
220 pF
L X 171 0
NC
NC
AU DIO
IN PUT
NC
25
24
26
5
6
1
4
2
10
11
9
7
8
14
13
15
28
27
23
22
20
21
19
18
16
17
12
NC
3
C9
0.1µ F
35V
C13
2.2µ F
+
+
+
+
 – Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com