Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 10Page - Microsemi Corporation FDS4953 Datasheet HTML 11Page - Microsemi Corporation FDS4953 Datasheet HTML 12Page - Microsemi Corporation FDS4953 Datasheet HTML 13Page - Microsemi Corporation FDS4953 Datasheet HTML 14Page - Microsemi Corporation FDS4953 Datasheet HTML 15Page - Microsemi Corporation FDS4953 Datasheet HTML 16Page - Microsemi Corporation FDS4953 Datasheet HTML 17Page - Microsemi Corporation FDS4953 Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 18
Copyright
© 2000
Rev. 1.1, 2000-12-01
BILL OF MATERIALS

     
     

Line
Item
Part Description
Manufacturer & Part #
Case
Reference
Designators
Qty
1
Controller
 LX1710
SSOP 28
U1
1
2
N-Channel MOSFET
  FDS6612A
SO-8
Q2, Q4
2
3
P-Channel MOSFET
  FDS4953
SO-8
Q1, Q3
2
4
Printed Circuit Board
 SGE2758
REV.X
1
5
Inductor, 15uH
 RL622-150K
TH
L1, L2
2
6
Phono Jacks, 90° Nickel Plated, Wht
 161-4214
TH
CN1
1
7
Strip Line Plugs, Straight, Single Row .100"
 CA-S36-24B-44
TH
J1, J2
2
8
Shorting Jumpers, Open Top, Black
 151-8030
TH
J1
1
9
Terminal Block 2 pos 5mm
   301-021-1000
TH
TB1, TB2
2


Line
Item
Part Description
Part Description
Case
Reference
Designators
Qty
1
Capacitor, COG, 18pF, 50V, 5%
 1206N180J500NT
 12065C180JAT2A
1206
C5
1
2
Capacitor, COG, 150pF, 50V, 5%
 1206N151J500NT
 12065C151JAT2A
1206
C4
1
3
Capacitor, COG, 220pF, 50V, 5%
 12065C221JAT2A
1206
C6, C7
2
4
Capacitor, X7R, 330pF, 50V, 10%
 ECU-V1H331KBM
1206
C26
1
5
Capacitor, X7R, .47uF, 16V, 20%
 1206B474M160NT
 1206YC474MAT2A
1206
C3, C14
2
6
Capacitor, X7R, 1uF, 50V, 10%
 1206B105K500NT
 12065C105KAT2A
1206
C1, C2
2
7
Capacitor, COG, 100pF, 50V, 5%
 0805N101J500NT
 08055C101JAT2A
0805
C16
1
8
Capacitor Tant 0.1uF 35V 20%
 TAJA104M035R
3216
C9
1
9
Capacitor Tant 2.2uF 25V 20%
! T491A225M025AS
3216
C13
1
10
Capacitor, Tant, 4.7uF, 16V, 20%
! T491A475M016AS
 TAJA475M016R
3216
C10, C11
2
11
Capacitor Stacked MF 0.1uF 50V 5%
 ECQ-V1H104JL
TH
C8, C12, C22
3
12
Capacitor Stacked MF 0.47uF 50V 5%
 ECQ-V1H474JL
TH
C18, C19
2
13
Capacitor Stacked MF 0.68uF 50V 5%
 ECQ-V1H684JL
TH
C20, C21
2
14
Capacitor, Elect 220uF, 25V, 20%
"  RV-25V221MH10-R
NT
C17
1


Line
Item
Part Description
Part Description
Case
Reference
Designators
Qty
1
Resistor, 10K, 5%, 1/4W
# CR32J103T
1206
R2
1
2
Resistor, 24.3K, 1%, 1/4W
# CR32F2432T
1206
R3, R4
2
3
Resistor, 10 Ohm, 5%, 1/8W
# CR J100T
0805
R6, R10, R11, R12
4
4
Resistor, 10K, 5%, 1/8W
# CR21J103T
0805
R8, R9
2
5
Resistor, 34.8K, 1%, 1/8W
# CR21F3482T
0805
R5
1
6
Resistor,20K, 5%, 1/8W
# CR J203T
0805
R7
1
7
Resistor, 56.2K, 1%, 1/8W
# CR21F5622T
0805
R1
1
8
Resistor, 15 Ohm 5% 1W
$ RM73B3A150J
% ! MCR100JZHJ150
2512
R13
1
9
Resistor, Low Value Flat .0374
% LR2010-01-R0374-F
2512
RS1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com