Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button FDS4953 Datasheet HTML 6Page - Microsemi Corporation FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation FDS4953 Datasheet HTML 10Page - Microsemi Corporation FDS4953 Datasheet HTML 11Page - Microsemi Corporation FDS4953 Datasheet HTML 12Page - Microsemi Corporation FDS4953 Datasheet HTML 13Page - Microsemi Corporation FDS4953 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 1.1, 2000-12-01
evaluation board is a second order, LC type filter as
shown below.
Tradeoffs between performance and
component cost must be considered when determining
the complexity or type of filter selected.
OUT+
OUT-
L
15µH
L
15µH
C
0.68µF
C
0.68µF
R
Its Laplace Transform function is:
ω
ω
ω
ω
RC
Q
LC
S
Q
S
C
S
LC
S
RC
S
C
S
=
=
+
+
=
+
+
=
1
Where
1
1
H(S)
2
2
2
The Class-D amplifier evaluation board design has a
pass-band of 20Hz to 20kHz to support the audio
frequency range and is configured to utilize a switching
or oscillator frequency fs = 500kHz. Depending on the
application, this oscillator frequency may be adjusted
(see section on Oscillator Configuration) to optimize
amplifier
performance
or
modified
for
other
considerations
such
as
EMI
effects.
Further
requirements of the filter are that the pass band
attenuation of switching frequency fs should be lower
than 40dB and the corner frequency of the LC filter
should be set higher than 20kHz to avoid attenuating
audio signals in the desired audio band by more than
1dB.
A speaker DC impedance o
 '-  C =
50kHz corner frequency are defined for the evaluation
board.
The Q (selectivity factor or ratio of the center
frequency divided by the bandwidth) of the filter must
also be considered when designing a filter. Too high a
Q will result in a boost of the audio signal across the
audio band whereas a low Q will cause too much
attenuation of the signal. A Q value of 0.707 provides
the required audio response and is used in the
calculation below.
Board
Evaluation
in the
used
is
µF
68
.
0
µ
56
.
0
)
50000
)(
2
(
4
707
.
0
)
f
2
(
=
=
=
=
=
C
F
R
Q
R
Q
C
C
π
π
ω
To Compute the Inductor Value:
Board
Evaluation
in the
used
is
µH
15
µ
9
.
14
)
µ
68
(.
)]
50000
)(
2
[(
1
)
f
2
(
1
1
2
2
2
=
=
=
=
=
L
H
C
C
L
C
π
π
ω
LXE1710 Evaluation Board
Frequency Response
-15
+15
-12.5
-10
-7.5
-5
-2.5
+0
+2.5
+5
+7.5
+10
+12.5
10
80
k
20
50
10
20
50
1k
2k
5k
10
k
20
k
50
k
Frequency (Hz)



Frequency response of the audio amplifier was
 $    " )
  ,!
- $-  + - - 
"" ' .    ! - ,
 ) " +  )/ .   –4dB
attenuation
respectively.
Therefore,
to
improve
frequency response performance for other loads, the
value of Q must be increased/decreased by changing
the capacitor. Since a different value C will affect the
corner frequency, values for L and C must be
recalculated.
Below are recommended inductor and
capacitor values for 2
   ,   -
single stage LC filter design.
Capacitor C (µF)
Inductor L (µH)

1.0
10

0.68
15

0.47
22
  Filter Component Values
Please note: These recommended values are guidelines
for
speaker
loads.
Actual
speakers
have
varying
impedances, which may require revised filter calculations
and optimization. Furthermore, your application may have
different design goals than those chosen for the LX1710
evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com