Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8708H Datasheet(PDF) 1 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 1 Page - Zilog, Inc.

  L8708H Datasheet HTML 1Page - Zilog, Inc. L8708H Datasheet HTML 2Page - Zilog, Inc. L8708H Datasheet HTML 3Page - Zilog, Inc. L8708H Datasheet HTML 4Page - Zilog, Inc. L8708H Datasheet HTML 5Page - Zilog, Inc. L8708H Datasheet HTML 6Page - Zilog, Inc. L8708H Datasheet HTML 7Page - Zilog, Inc. L8708H Datasheet HTML 8Page - Zilog, Inc. L8708H Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
DS96LV00800
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86L88/81/86/87/89/73
1
IR/LOW-VOLTAGE MICROCONTROLLER
FEATURES
s
Low Power Consumption - 40 mW (Typical)
s
Three Standby Modes
–
STOP
–
HALT
–
Low Voltage
s
Special Architecture to Automate Both Generation and
Reception of Complex Pulses or Signals:
–
One Programmable 8-Bit Counter/Timer with Two
Capture Registers
–
One Programmable 16-Bit Counter/Timer with
One 16-Bit Capture Register
–
Programmable
Input
Glitch
Filter
for
Pulse
Reception
s
Five Priority Interrupts
–
Three External
–
Two Assigned to Counter/Timers
s
Low Voltage Detection and Standby Mode
s
Programmable Watch-Dog/Power-On Reset Circuits
s
Two Independent Comparators with Programmable
Interrupt Polarity
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, RC (Mask Option), or External Clock
Drive
s
Mask Selectable 200 kOhms Pull-Ups on Ports 0, 2, 3
–
All Eight Port 2 Bits at One Time or Not
–
Pull-Ups Automatically Disabled Upon Selecting
Individual Pins as Outputs.
s
Maskable Mouse/Trackball Interface on P00 Through
P03.
s
32 kHz Oscillator Mask Option
GENERAL DESCRIPTION
The Z86LXX family of IR (Infrared) CCP™ (Consumer Con-
troller Processor) Controllers are ROM/ROMless-based
members of the Z8® single-chip microcontroller family with
256 bytes of internal RAM. The differentiating factor be-
tween these devices is the availability of ROM, and pack-
age options. For the 40 and 44-pin devices the use of ex-
ternal memory enables these Z8 microcontrollers to be
used where code flexibility is required. Zilog’s CMOS mi-
crocontrollers offers fast executing, efficient use of memo-
ry, sophisticated interrupts, input/output bit manipulation
capabilities, automated pulse generation/reception, and in-
ternal key-scan pull-up resistors. The Z86LXX product line
offers easy hardware/software system expansion cost-ef-
fective and low power consumption.
The Z86LXX architecture is based on Zilog's 8-bit micro-
controller core with an Expanded Register File to allow ac-
cess to register mapped peripherals, I/O circuits, and pow-
erful counter/timer circuitry. The CCP offers a flexible I/O
scheme, an efficient register and address space structure,
and a number of ancillary features that are useful in many
Device
ROM
(KB)
RAM*
(Bytes)
I/O
Lines
Voltage
Range
Z86L88
16
237
23
2.0V to 3.9V
Z86L81
24
237
23
2.0V to 3.9V
Z86L86
32
237
23
2.0V to 3.9V
Z86L87
16
236
31
2.0V to 3.9V
Z86L89
24
236
31
2.0V to 3.9V
Z86L73
32
236
31
2.0V to 3.9V
Note: *General-Purpose


Similar Part No. - L8708H

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L8701P POLYFET-L8701P Datasheet
42Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8701PR POLYFET-L8701PR Datasheet
76Kb / 3P
SILICON GATE ENHANCEMENT MODE
L8701P POLYFET-L8701P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - L8708H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
IR/Low-Voltage Microcontroller
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com