Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8708H Datasheet(PDF) 52 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 48Page - Zilog, Inc. L8708H Datasheet HTML 49Page - Zilog, Inc. L8708H Datasheet HTML 50Page - Zilog, Inc. L8708H Datasheet HTML 51Page - Zilog, Inc. L8708H Datasheet HTML 52Page - Zilog, Inc. L8708H Datasheet HTML 53Page - Zilog, Inc. L8708H Datasheet HTML 54Page - Zilog, Inc. L8708H Datasheet HTML 55Page - Zilog, Inc. L8708H Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
52
P R E L I M I N A R Y
DS96LV00800
Watch-Dog Timer Mode Register (WDTMR). The WDT
is a retriggerable one-shot timer that resets the Z8 if it
reaches its terminal count. The WDT must initially be en-
abled by executing the WDT instruction and refreshed on
subsequent executions of the WDT instruction. The WDT
circuit is driven by an on-board RC oscillator or external
oscillator from the XTAL1 pin. The WDT instruction affects
the Zero (Z), Sign (S), and Overflow (V) flags.
The POR clock source is selected with bit 4 of the WDT
register. Bit 0 and 1 control a tap circuit that determines the
time-out period. Bit 2 determines whether the WDT is ac-
tive during HALT and Bit 3 determines WDT activity during
STOP. Bits 5 through 7 are reserved (Figure 42). This reg-
ister is accessible only during the first 61 processor cycles
(122 XTAL clocks) from the execution of the first instruc-
tion after Power-On-Reset, Watch-Dog Reset, or a Stop-
Mode Recovery (Figure 43). After this point, the register
cannot be modified by any means, intentional or other-
wise. The WDTMR cannot be read and is located in Bank
F of the Expanded Register Group at address location
0FH. It is organized as follows:
Figure 43. Watch-Dog Timer Mode Register
(Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (0F) 0F
WDT TAP
INT RC OSC External Clock
00
5 ms
256 TpC
01
10 ms
512 TpC
10
20 ms
1024 TpC
11
80 ms
4096 TpC
WDT During HALT
0 OFF
1 ON
WDT During STOP
0 OFF
1 ON
XTAL1/INT RC Select for WDT
0 On-Board RC
1 XTAL
Reserved (Must be 0)
* Default Setting After Reset
*
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com