Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8708H Datasheet(PDF) 26 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 22Page - Zilog, Inc. L8708H Datasheet HTML 23Page - Zilog, Inc. L8708H Datasheet HTML 24Page - Zilog, Inc. L8708H Datasheet HTML 25Page - Zilog, Inc. L8708H Datasheet HTML 26Page - Zilog, Inc. L8708H Datasheet HTML 27Page - Zilog, Inc. L8708H Datasheet HTML 28Page - Zilog, Inc. L8708H Datasheet HTML 29Page - Zilog, Inc. L8708H Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
26
P R E L I M I N A R Y
DS96LV00800
FUNCTIONAL DESCRIPTION
The Z86LXX family of IR CCP incorporates special func-
tions to enhance the Z8's functionality in consumer and
battery operated applications.
Program
Memory.
The
Z86LXX
family
addresses
16/24/32 Kbytes of internal program memory. The first
twelve bytes are reserved for interrupt vectors. These lo-
cations contain the five 16-bit vectors which correspond to
the five available interrupts. In all cases, at addresses 32K
and greater, external program memory fetches will be ex-
ecuted (provided proper A/D port mode register settings).
Refer to external memory timing specifications. In Rom-
less mode, program memory fetches begin at address
000Ch and data memory fetches begin at address 0000h.
RAM. The Z86LXX devices all have 256 bytes of RAM
which make up the Register file.
External Memory (/DM). The Z86LXX addresses up to 32
Kbytes of external memory beginning at address 32768
(Figure 20). External data memory is included with, or sep-
arated from, the external program memory space. /DM, an
optional I/O function that is programmed to appear on P34,
is used to distinguish between data and program memory
space. The state of the /DM signal is controlled by the type
of instruction being executed. An LDC opcode references
PROGRAM (/DM inactive) memory, and an LDE instruc-
tion references data (/DM active Low) memory.
Figure 19. Program Memory Map(32K ROM)
11
10
9
8
7
6
5
4
3
2
1
0
External ROM
Location of
First Byte of
Instruction
Executed
After RESET
Interrupt
Vector
(Lower Byte)
Interrupt
Vector
(Upper Byte)
Reserved
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
Reserved
On-Chip
ROM
32768
Reset Start Address
12
Figure 20. External Memory Map
65535
0
External
Data
Memory
Not Addressable
32,768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com