Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8708H Datasheet(PDF) 10 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 6Page - Zilog, Inc. L8708H Datasheet HTML 7Page - Zilog, Inc. L8708H Datasheet HTML 8Page - Zilog, Inc. L8708H Datasheet HTML 9Page - Zilog, Inc. L8708H Datasheet HTML 10Page - Zilog, Inc. L8708H Datasheet HTML 11Page - Zilog, Inc. L8708H Datasheet HTML 12Page - Zilog, Inc. L8708H Datasheet HTML 13Page - Zilog, Inc. L8708H Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
10
P R E L I M I N A R Y
DS96LV00800
DC CHARACTERISTICS
Preliminary
TA = 0°C to +70°C
Typ @
Sym
Parameter
VCC
Min
Max
25
°C
Units
Conditions
Notes
Max Input Voltage 2.0V
3.9V
7
7
V
V
IIN <250 µA
IIN <250 µA
VCH
Clock Input
High Voltage
2.0V
3.9V
0.8 VCC
0.8 VCC
VCC + 0.3
VCC + 0.3
V
V
Driven by External
Clock Generator
Driven by External
Clock Generator
VCL
Clock Input
Low Voltage
2.0V
3.9V
VSS – 0.3
VSS– 0.3
0.2 VCC
0.2 VCC
V
V
Driven by External
Clock Generator
Driven by External
Clock Generator
VIH
Input High Voltage 2.0V
3.9V
0.7 VCC
0.7 VCC
VCC + 0.3
VCC + 0.3
0.5VCC
0.5VCC
V
V
VIL
Input Low Voltage 2.0V
3.9V
VSS – 0.3
VSS – 0.3
0.2 VCC
0.2 VCC
0.5VCC
0.5VCC
V
V
VOH1
Output High
Voltage
2.0V
3.9V
VCC – 0.4
VCC – 0.4
1.7
3.7
V
V
IOH = –0.5 mA
IOH = –0.5 mA
VOH2
Output High
Voltage (P36,
P37,P00, P01)
2.0V
3.9V
VCC - 0.8
VCC - 0.8
V
V
IOH = –7 mA
IOH = –7 mA
VOL1
Output Low
Voltage
2.0V
3.9V
0.4
0.4
0.1
0.2
V
V
IOL = 1.0 mA
IOL = 4.0 mA
VOL2*
Output Low
Voltage
2.0V
3.9V
0.8
0.8
0.5
0.3
V
V
IOL = 5.0 mA
IOL = 7.0 mA
VOL2
Output Low
Voltage(P36,
P37,P00,P01)
2.0V
3.9V
0.8
0.8
0.3
0.2
V
V
IOL = 10 mA
IOL = 10 mA
VRH
Reset Input
High Voltage
2.0V
3.9V
0.8 VCC
0.8 VCC
VCC
VCC
1.5
2.0
V
V
VRl
Reset Input
Low Voltage
2.0V
3.9V
VSS – 0.3
VSS – 0.3
0.2 VCC
0.2 VCC
0.5
0.9
V
V
VOFFSET
Comparator Input
Offset Voltage
2.0V
3.9V
25
25
10
10
mV
mV
IIL
Input Leakage
2.0V
3.9V
-1
-1
1
1
< 1
< 1
µA
µA
VIN = OV, VCC
VIN = OV, VCC
IOL
Output Leakage
2.0V
3.9V
–1
–1
1
1
< 1
< 1
µA
µA
VIN = OV, VCC
VIN = OV, VCC
IIR
Reset Input Pull-
Up Current
2.0V
3.9V
–230
–400
-90
–220
µA
µA
VIN = OV
VIN = OV‘
ICC
Supply Current
2.0V
3.9V
10
15
4
10
mA
mA
@ 8.0 MHz
@ 8.0 MHz
1,2
1,2
2.0V
3.9V
250
850
100
500
µA
µA
@ 32 kHz
@ 32 kHz
1,2,7
1,2,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com