Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 8 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 8 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 4Page - ams AG AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG AS-MLV-P2 Datasheet HTML 10Page - ams AG AS-MLV-P2 Datasheet HTML 11Page - ams AG AS-MLV-P2 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2015-Oct-12
AS-MLV-P2 − Application Information
The resolution of the measurement of RS is recommended to
be better or equal to 1% of the actual reading. This allows
making use of the full performance of the sensor. The
requirements for the A/D conversion of the output voltage Vout
is described in the following section.
The input impedance of the A/D converter should be high
enough not to influence the level of the voltage divider, a ration
of at least 10 between input impedance and values of RS and/or
RL is recommended.
Averaging A/D conversion procedures are recommended in
order to suppress fast resistance changes from the sensitive
layer (resistive noise and change of the resistance due to
chemical influences).
In order to achieve 1% of precision of the read-out of RS, the
A/D conversion of Vout needs lower resolution, if sensor- and
load resistor match. A larger difference between RS and RL
requires a higher resolution of the A/D conversion. The
following figure gives a few examples for VS = 5V.
Figure 9:
Examples for Readout of RS with 1% Resolution (VS=5V)
Examples for Readout of RS with 1% Resolution: The series resistor RL has also the functionality to limit the
power dissipated to the sensitive layer.
If the A/D conversion is single ended (common ground) it might
be useful to change the sequence of load resistor and sensor
resistor in the voltage divider. This enables to increase the
resolution by using a lower reference voltage for the A/D
conversion.
RS [Ohm]
RL [Ohm]
Vout [V]
A/D Voltage Step for 1% Resolution
100
10k
4.95
0.5mV
1k
10k
4.5454
4.1mV
10k
10k
2.5
12.4mV
100k
10k
0.4545
4.1mV
1M
10k
0.0495
0.5mV
1k
100k
4.95
0.5mV
10k
100k
4.5454
4.1mV
100k
100k
2.5
12.4mV
1M
100k
0.4545
4.1mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com