Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 10 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 10 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG AS-MLV-P2 Datasheet HTML 10Page - ams AG AS-MLV-P2 Datasheet HTML 11Page - ams AG AS-MLV-P2 Datasheet HTML 12Page - ams AG AS-MLV-P2 Datasheet HTML 13Page - ams AG AS-MLV-P2 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2015-Oct-12
AS-MLV-P2 − Application Information
To use the example a p-channel MOSFET is mandatory; using
an n-channel will need a change of the overall circuit design. In
this case the Voltage VCC is 5V with a max ripple of 20mV, but
the circuit is also valid for 3.3V. The circuit should be designed
to achieve a PWM of 30-60% depending on heater set-point.
This range gives the security that all specified environmental
temperature ranges can be compensated.
The heater resistance should be measured at the beginning of
the low phase indicated as TRH in the drawing Figure 11. The
Voltage drop UH is measured and Rh can be calculated as shown
in EQ 2.
Please note that this circuit are just mend to be an example and
each circuit which can fulfill the conditions and respects the
absolute maximum ratings of the sensor can be used.
Figure 11:
Example of PWM Cycle with Measurement Point
The heater can also be controlled by a DAC controlled circuit
with a voltage divider.
(EQ2)
R
H
U
H
R
2
⋅
VCC
U
H
–
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com