Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 9 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 9 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG AS-MLV-P2 Datasheet HTML 10Page - ams AG AS-MLV-P2 Datasheet HTML 11Page - ams AG AS-MLV-P2 Datasheet HTML 12Page - ams AG AS-MLV-P2 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ams Datasheet
Page 9
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2 − Application Information
A constant current source can also be used to read-out the
sensitive layer. In this case the electrical power dissipated in the
sensitive layer must be limited and must not exceed 1mW for
all values of RS.
Heater Control
To solve the application the sensor needs a certain temperature,
the operation point. This temperature correlates with the
heater resistance of the sensor module. The heater resistance
and its TCR varies with production and the sensor temperature
should be adjusted by applying a calibration step up front. In
this calibration step the characteristic of the correlation of
temperature and heater power is used. For iAQ applications the
dependency for the operation temperature of ~300°C is 34mW
@ 23°C ± 2°C. The measured heater resistance value with this
applied conditions is the set-point which will be important for
the further operation.
Variation of ambient temperature may have an influence in the
sensor temperature and its heater resistance. The chosen circuit
shall be adjustable and should keep the heater resistance
constant at the desired set-point. This can be solved by a basic
PWM circuit shown in Figure 10.
Figure 10:
Basic PWM Circuit for Heater Control
Basic PWM Circuit for Heater Control: A typically heater driver circuit, R1 is the current limit resistor, R2 is
needed as a bypass resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com