Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 3 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 3 Page - ams AG

  AS-MLV-P2 Datasheet HTML 1Page - ams AG AS-MLV-P2 Datasheet HTML 2Page - ams AG AS-MLV-P2 Datasheet HTML 3Page - ams AG AS-MLV-P2 Datasheet HTML 4Page - ams AG AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ams Datasheet
Page 3
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2 − Environmental Specifications
The sensor element characteristics are valid under the following
environmental conditions:
Figure 4:
Environmental Operating Conditions
Note(s):
1. The sensor must be kept separate from all sourced of silicone contamination to fulfill the functional and lifetime requirements.
Description
Value
Ambient Operating Range
Temperature range
0°C to 50°C
Humidity range (relative humidity,
non-condensing)
5% to 95%
Ambient Storage Range
Storage temperature range
-40°C to 85°C
Storage humidity range (relative humidity,
non-condensing)
5% to 95%
Air Flow
Experienced air velocity
0m/s to 4m/s
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com