Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 1 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 1 Page - ams AG

  AS-MLV-P2 Datasheet HTML 1Page - ams AG AS-MLV-P2 Datasheet HTML 2Page - ams AG AS-MLV-P2 Datasheet HTML 3Page - ams AG AS-MLV-P2 Datasheet HTML 4Page - ams AG AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ams Datasheet
Page 1
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2
Air Quality Sensor
The ams AS-MLV-P2 is a MOS (metal oxide semiconductor)
based gas sensor component. It was specifically designed for a
broad detection of reducing gases such as VOCs (volatile
organic compounds) and CO (carbon monoxide) associated
with bad air quality. The AS-MLV-P2 sensor component is a
MEMS (micro electromechanical system) device using silicon
wafer technology.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS-MLV-P2, Air Quality Sensor are
listed below:
Figure 1:
Added Value of Using AS-MLV-P2 Sensor
Applications
• Indoor air monitor
• Kitchen hood
• Weather stations
• Smart home
• Internet of Things (IoT)
Benefits
Features
• High sensitivity to volatile organic compounds (VOCs)
• Limit of detection in a low ppm range
• Very low power consumption
• 34 mW at 300°C
• Maintenance free
• 10 year lifetime
• Reflow capable
• Surface Mount Package
General Description


Similar Part No. - AS-MLV-P2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
AS-M15KA-R MURATA-AS-M15KA-R Datasheet
30Kb / 1P
Magnetic Switch
AS-M15SA-R MURATA-AS-M15SA-R Datasheet
30Kb / 1P
Magnetic Switch
AS-M15TA-R MURATA-AS-M15TA-R Datasheet
30Kb / 1P
Magnetic Switch
AS-M15TB-R MURATA-AS-M15TB-R Datasheet
30Kb / 1P
Magnetic Switch
logo
Schneider Electric
AS-MBKT-085 SCHNEIDER-AS-MBKT-085 Datasheet
42Kb / 1P
Modicon Quantum - Modbus Plus female SUBD 9 connector
Sep 13, 2021
More results

Similar Description - AS-MLV-P2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
Duct Air Quality Sensor
logo
Renesas Technology Corp
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
Sensirion AG Switzerlan...
SGPC3 SENSIRION-SGPC3 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for TVOC Measurements
Version 1.0
logo
SparkFun Electronics
SPX-14813 SPARKFUN-SPX-14813 Datasheet
256Kb / 2P
Air Quality Sensor (Qwiic) ??SGP30
12????9
logo
Renesas Technology Corp
ZMOD4450 RENESAS-ZMOD4450_V01 Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com