Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-MLV-P2 Datasheet(PDF) 4 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 4 Page - ams AG

  AS-MLV-P2 Datasheet HTML 1Page - ams AG AS-MLV-P2 Datasheet HTML 2Page - ams AG AS-MLV-P2 Datasheet HTML 3Page - ams AG AS-MLV-P2 Datasheet HTML 4Page - ams AG AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-01] 2015-Oct-12
AS-MLV-P2 − Electrical Characteristics
The sensor elements operate at an elevated temperature. The
elevated temperature is realized by means of the Pt heater
which is implemented within the silicon nitride membrane. The
recommended operating temperature for the AS-MLV-P2 is
300°C, which is equivalent to an applied power of approx.
34mW at room temperature.
Figure 5:
Electrical Characteristics
Note(s):
1. This lifetime can only be reached with respect to the recommended operation of the sensor. Especially the maximum ratings during
operation have to be followed carefully. With this background, the AS-MLV-P2 is maintenance free and shall require no replacement
during specified lifetime.
2. Pt heater element operates at 300°C
Description
Value
Resistance Values
Sensor resistance range
3kΩ to 3MΩ
Typical baseline in ambient air
50kΩ to 500kΩ
Heater resistance (2)
150Ω ± 30Ω at 300°C
Absolute Maximum Supply Ratings
Power supply
50mW (very short time range)
Heater current
25mA
Heater Voltage
3.0 V
Lifetime Requirements
Expected lifetime (1)
10 years
With a minimum of
85.000 hours
On/off cycles
20.000 times
Sensor Element Response
Response from
10%
To its final value
90%
For 0 - 20 ppm CO within
< 10sec
Sensor Element Recovery
Response from
10%
To its final value
90%
Back from 20 – 0 ppm CO
< 1min
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com