Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 7 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 7 Page - ams AG

Back Button PS081 Datasheet HTML 3Page - ams AG PS081 Datasheet HTML 4Page - ams AG PS081 Datasheet HTML 5Page - ams AG PS081 Datasheet HTML 6Page - ams AG PS081 Datasheet HTML 7Page - ams AG PS081 Datasheet HTML 8Page - ams AG PS081 Datasheet HTML 9Page - ams AG PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
1-2
1
PSØ81
1-2
1
PSØ81
1
Overview
1.1
Features
ƒ RMS noise:
ƒ 20.1nV fast settle, 5 Hz
ƒ 11.5 nV SINC3, 5 Hz
ƒ 8.9 nV SINC5, 5 Hz
ƒ Up to 250,000 peak-peak divisions in
weighing applications (2 mV/V strain)
ƒ Scalable udapte rate from < 1 Hz to 1000 Hz
ƒ Current consumption:
ƒ ~ 0.39 mA PSØ81 itself (at maximum
speed)
ƒ ~ 0.005 mA PSØ81 itself (at low cur-
rent configuration)
ƒ ~ 0.001 mA standby current
ƒ Power supply voltage: 2.1 V to 3.6 V
ƒ Converter type: Time-to-digital converter
(TDC)
ƒ Resolution: 28 bit ENOB (RMS) or 25.8 bit
noise-free (peak-to-peak)
ƒ 24-Bit internal microprocessor with 2 KB
reprogrammable EEPROM
ƒ Internal LCD controller for 4x14, 3x15 and
2x16 segments
ƒ 4-wire serial SPI interface
ƒ Internal very low current 10 kHz oscillator
ƒ 6 I/O pins, configurable up to 21 inputs or 5
outputs
ƒ Very high power supply rejection ratio (PSRR)
ƒ Very low gain and offset drift
ƒ Embedded charge pump for driving the LCD
ƒ Embedded bandgap voltage reference for low
battery detection
• Watchdog timer
1.2
Advantages
ƒ Single-chip solution for weighing applications
ƒ Converter, microcontroller and LCD controller
in one chip
ƒ Extreme low total system current (down to
15µA including strain gages)
ƒ Very low self heating of teh sensor
ƒ Gain and offset correction of the load cell
ƒ Available as dice (115 µm pitch) or packaged
(QFN56, 7x7 mm²)
1.3
Applications
Industrial
ƒ Torque wrenches
ƒ Pressure indicators
ƒ Legal for trade scales
ƒ Counting scales
Consumer
ƒ Pure solar driven scales
ƒ Body scales
ƒ Kitchen scales
ƒ Pocket scales
ƒ Hanging scales
ƒ Postal scales
ƒ Package scales
1.4
General Description
The PSØ81 is a system-on-chip for ultra low-
power and high resolution applications. It was
designed especially for weight scales but fits also
to any kind of force or torque measurements
based on metal strain gages. It takes full advan-
tage of the digital measuring principle of PICOS-
TRAIN. Thus, it combines the performance of a
28-Bit signal converter with a 24-Bit micropro-
cessor. Additional elements like an LCD driver, 3K
ROM with many complex pre-defined functions,
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com