Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 64 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 64 Page - ams AG

Back Button PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG PS081 Datasheet HTML 62Page - ams AG PS081 Datasheet HTML 63Page - ams AG PS081 Datasheet HTML 64Page - ams AG PS081 Datasheet HTML 65Page - ams AG PS081 Datasheet HTML 66Page - ams AG PS081 Datasheet HTML 67Page - ams AG PS081 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-7
PSØ81
lcd_r_const[1:0] 1
2
3
Defines the cross resistance of the LCD voltage
divider
0 = 30 k
1 = 50 k
2 = 200 k
3 = 800 k
lcd_charge[1:0] 0
2
3
Selects how many LCD clock cycles it is waited
before recharging
0 = each cycle
1 = second cycle
2 = fourth cycle
0
0
0
Zero is mandatory in stretched modes, not relevant in
direct drive mode
lcd_r_fastld
3
2
1
Configures the number of fast-load periods(10ms)
with low-resistance voltage divider
4.2.2.5
Crosstalk LCD Charge Pump - Measurement
The LCD charge pump might have a negative impact on the measurement quality due to crosstalk
from the charge pump. Typically, this becomes obvious by periodic oscillations of the measurement
result.
PSØ81 offers several configuration options to overcome this. In the following we show some measu-
res. There is not a unique solution but a need to select the right one for the application. In any case
of uncertainty please contact acam for support.
ƒ In Direct Drive Mode the LCD does not affect the measurement.
ƒ Selecting the right LCD frequency in many cases solves the problem. In general, the higher the
frequency the lower the distortion. Testing the different lcd_freq values will show the best choice.
The current consumption might be a little bit higher. In battery driven system this will not be a
problem. In solar applications we recommend direct drive, anyway.
ƒ LCD voltage divider resistors should be selected as high as possible. This might be in conflict to
measure 2, and segments to be off can be seen. The right choice has to be proven by experi-
ment.
ƒ The blocking capacitor at VCC_LCD can be increased. As a standard we recommend 4.7 µF. In
case of problems an increase up to 22 µF shows obvious improvements.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com