Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 72 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 72 Page - ams AG

Back Button PS081 Datasheet HTML 68Page - ams AG PS081 Datasheet HTML 69Page - ams AG PS081 Datasheet HTML 70Page - ams AG PS081 Datasheet HTML 71Page - ams AG PS081 Datasheet HTML 72Page - ams AG PS081 Datasheet HTML 73Page - ams AG PS081 Datasheet HTML 74Page - ams AG PS081 Datasheet HTML 75Page - ams AG PS081 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-15
PSØ81
lcd_spi_out[2:0]
Set the LCD pins as SPI outputs, 6 pins in parallel each.
xx1
switch on LCD_COM1...LCD_COM4,LCD_SEG1,LCD_SEG2 as SCK
x1x
switch on LCD_SEG3...LCD_SEG8 as SSN
1xx
switch on LCD_SEG9...LCD_SEG14 as SDO
spi_delay[2:0]
Sets the timing for the LCD SPI master interface
0 =
fast (about 500 ns period)
:
7 =
slow (about 10 µs period)
Programming:
After a no2lcd opcode the registers 61 and 62 hold the pixel data according to standard segments.
The re-arrangement according to lcd_pos is done in the LCD driver. After opcode newlcd the re-ar-
ranged data can be read from RAM addresses:
reg_lcd_pix_sort61= 64+32+2 = 98
reg_lcd_pix_sort62= 64+32+3 = 99
It is reasonable to wait a few cycles after the new_lcd command.
There are new opcodes that support the LCD SPI master:
ssnPulseGenerates a positive pulse on the “SSN” line (lines LCD_SEG3...LCD_SEG8)
ssnSet
Sets “SSN” to HIGH.
spi2lcd
This opcode sends the content of accumuator y to the SPI interface. The second
parameter defines, how many bits are transmitted. This function is mainly needed when operating an
external LCD driver via SPI.
Note:
ƒ no2lcd opcode formats the number for output on the external LCD. It always has to be used in
combination with newlcd opcode
ƒ Maybe you need to adapt lcd_pos in register 12 according to your LCD
ƒ Please be aware that accumulator x, y and z are used and modified by no2lcd and spi2lcd op-
codes.
ƒ There is no possibility to connect both – the internal and external LCD. Only one mode at a time
can be driven.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com