Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 40 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 40 Page - ams AG

Back Button PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-17
PSØ81
3.5.3.2
Stretched Single Conversion Mode
Figure 3.19 Stretched single conversion mode
For mechanically sensitive weigh scales like kitchen scales the PS081 provides the stretched mode
combined with the single conversion mode. In this mode the two resistors of a half bridge are mea-
sured subsequently, but the next pair of discharge time measurements follows delayed. Therefore,
the sample points of a single sequence can cover minimum a full period of the mechanical oscillation.
Thanks to the integration of the samples within one sequence the result will normally be stable if the
break is <30% of the time.
Figure 3.20 Undersampling
Again, the oscillator is switched on only for each discharge time measurement. But, as the oscillator
needs some time to reach the full amplitude, the total active time of the oscillator is longer than for
pure Single Conversion Mode. The current consumption in stretched single conversion mode is there-
fore a little bit increased compared to the single conversion mode.
Four major parameters define the operation mode:
single_conversion:
Selects between continuous operation and single separated measurements.
stretch:
Selects between 4 MHz oscillator continuously running while measuring and
running the oscillator only for the duration of 1 or 2 discharge cycles (recom
mended 2 discharge cycles)
cycletime:
Defines the time interval between single or pairs of discharge cycles. It is
based on the 4 MHz clock or in stretched mode on the 10 kHz clock.
avrate:
Sample size of averaging. Defines the number of complete ratio measure
ments that make a single measurement sequence (internal averaging).
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com