Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 44 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 44 Page - ams AG

Back Button PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-21
PSØ81
3.5.7
Comparator
The end of the discharge cycle is triggered by a comparator. PSØ8 offers an internal low noise com-
parator. Alternatively, an external comparator might be used.
3.5.7.1
Internal Comparator
The internal comparator is selected by setting reg11, sel_compint = 1. By means of the internal
comparator it is possible to get about 60,000 divisions peak-peak at 2 mV/V, 5 Hz update rate and
MEDIAN 5 software filter.
Figure 3.23 Internal comparator
3.5.7.2
External Comparator
The precision of the measurement can be improved by using an external bipolar comparator. With an
external bipolar comparator it is possible to get up to 150k divisions at 5Hz update rate.
Figure 3.24 External comparator
Recommendations:
Low-noise PNP transistors like 2N5087 / CMKT5087 or BC859 should be used. 5 transistors in
parallel should be connected at the LOAD side. It is not necessary to have matched transistors. Use
a COG-type capacitor for the low-pass filter capacitance.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com