Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 37 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 37 Page - ams AG

Back Button PS081 Datasheet HTML 33Page - ams AG PS081 Datasheet HTML 34Page - ams AG PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-14
1
PSØ81
noise as low as 10nV at 3.3V can be achieved, or expressed in ENOB up to19.5 Bits (related to
2mV/V). An overview of the converter precision at different update rates is given in several tables
in section 2.4. However, a rough estimation can be done by the equations given in the following.
The base converter precision for a half bridge at avrate = 1 (only for calculation purposes, not re-
commended to be used) and a recommended discharge time of 90 to 150 µs in fast settling mode
and 2 mV/V excitation is:
With internal comparator:
13.3 Bit eff.
With external bipolar comparator: 13.8 Bit eff.
At higher values of avrate[] the resolution is calculated as:
The Bridge-factor is:
2 for full bridges
4 for quattro bridges
Example 1:
avrate = 12, Quattro bridge, internal comparator
ENOB = 13.3 + ln(
√(12*4))/ln(2) = 13.3 + 2.8 = 16.1 Bit eff. = 70,000 effective divisions =
10,000 peak-peak divisions in fast settle mode (without SINC-filter).
Example 2:
avrate = 450, Full bridge, external comparator
ENOB = 13.8 + ln (
√(450*2))/ln(2) = 13.8 + 4.9 = 18.7 Bit eff. = 425,000 effective divisions =
70,000 peak-peak divisions in fast settle mode (without SINC filter).
Example 3:
avrate = 100, Full bridge, external comparator, expressed in nV RMS
ENOB = 13.8 + ln (
√(100*2))/ln(2) = 13.8 + 3.8 = 17.6 Bit eff.
2^17.6 = 198,700 eff. divisions with a 2mV/V sensor operated at 3V
g 3V x 2mV/V = 6000µV
divided by 198,700 = 30.2nV RMS
Note: The effective number of bits (ENOB) in the equation are related to 2mV/V sensitivity of the
sensor. If the sensitivity is different with your sensor, the result needs to be corrected by the reduc-
tion in sensitivity. E.g.: you calculate 18.7 bit with the equation, but your sensor has only 1mV/V
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com