Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS081 Datasheet(PDF) 59 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 59 Page - ams AG

Back Button PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG PS081 Datasheet HTML 62Page - ams AG PS081 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-2
1
PSØ81
4
Peripheral Components & Special Settings
4.1
Oscillators
PSØ81 has an internal low-current 10 kHz oscillator which is used for basic timer functions and for
the definition of the cycle time in stretched modes and measuring range 1.
Further, PSØ81 has an oscillator driver for an external 4 MHz ceramic resonator. This one is used
for the time measurement and for the definition of the cycle time in non-stretched modes. It needs
about 130 µA @ 3.0 V.
Register 3, Bits 17 to 19: sel_start_osz
0 = Switch off oscillator
1 = oscillator continuously on
2 = Measurement started with 100 µs delay after switching on the oscillator
3 = Measurement started with 200 µs delay after switching on the oscillator
4 = Measurement started with 300 µs delay after switching on the oscillator
5 = Measurement started with 400 µs delay after switching on the oscillator 6
& 7 are not connected
Register 2, Bit 0: auto10k
Configuration:
This oscillator can be switched on continuously or only for the duration of the measurement, including
some lead time to reach the full oscillation amplitude (sel_start_osz[2:0]). The startup time for the
4MHz oscillator is about 50 µs to 100 µs and slightly depends on the supply voltage.
Auto-calibration:
The internal 10 kHz oscillator may be automatically calibrated by means of the 4 MHz oscillator. The
frequency varies with temperature and voltage. This would impact the update rate and sampling rate
as the 10 kHz is the basis for the TDC conversion counter and in stretched mode also the cycle
time. It is recommend to use the auto-calibration option setting auto10k = 1.
Note:
Auto-calibration should not be used in stretched single conversion modes
Layout Considerations:
The oscillator should be placed close to the PSØ81. The area arround the oscillator should be
flooded by a ground plane. The SPI wires should not cross the oscillator lines.
The 4 MHz should have an additional 1 MOhm pull-down resistor to avoid cross currents during
switch-off. The resistor reduces the oscillator current and is urgently needed in solar applications.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com