Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC910 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments DLPC910 Datasheet HTML 28Page - Texas Instruments DLPC910 Datasheet HTML 29Page - Texas Instruments DLPC910 Datasheet HTML 30Page - Texas Instruments DLPC910 Datasheet HTML 31Page - Texas Instruments DLPC910 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Load Block 14
Load Block 15
DIN_A/B/C/D
Reset Block 14
Reset Block 15
BLK_MD/BLK_AD
RST_ACTIVE
Load Block 0
Block 13
Reset Block 13
Block 12
Reset Block 0
Load Block 1
Exposure Period
Mirror
Settling Time
for Block 15
DCLKIN
DVALID
ROWMD
BLK_MD
BLK_AD
0
1
38
39
37
00
00
00
00
XXXX
XXXX
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
NOTE
While RST_ACTIVE is high for 4
μs, the data for the block(s) being issued a MCP should
not be changed to allow the mirrors to become stable. The RST_ACTIVE does not include
the mirror settling period. A short delay of 6
μs should be introduced during the last
block(s) that is issued a MCP. The mirror settling time is illustrated in Figure 10, Figure 11,
Figure 12, and Figure 13, where the customer interface introduces a delay on the last
block(s) that were issued a MCP to allow the mirrors to become stable.
Figure 10, Figure 11, Figure 12, and Figure 13 all show an exposure period. Once the customer interface has
issued all required MCPs and the proper mirror settling time has been applied, the customer interface may pulse
an illumination source onto the DMD during this period. The exposure period is user adjustable; however,
increasing the exposure period decreases the pattern rate. Refer to Application Curves regarding exposure
period.
Figure 9. DMD No-op Row Cycle
Figure 10. Single Block Load Phased Sequence
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com