Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC910 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 34Page - Texas Instruments DLPC910 Datasheet HTML 35Page - Texas Instruments DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments DLPC910 Datasheet HTML 41Page - Texas Instruments DLPC910 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Pixel Data Rate
Min Exposure Period
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Prior to activating the DVALID signals to the DLPC910, the ROWMD, ROWAD, BLKMD, BLKAD, and
RST2BLKZ control input signals must be in the desired state for the desired operation to take effect on the
DLP9000X DMD. Once the control signals are set, the Apps FPGA activates DVALID and starts loading data
using the DDC_DIN and DDC_DCLK buses. After all data is loaded for the desired DMD operation, the DVALID
signal is de-asserted, and the BLKMD, BLKAD, and RST2BLKZ control signals are set prior to the assertion of
the next DVALID. When DVALID is activated, the MCP causes the prior data to take effect on the mirrors of the
DMD. The Apps FPGA should then monitor the RST_ACTIVE pin to determine when the mirror clock pulse has
completed in order to perform the next MCP. During the time that the RST_ACTIVE is asserted, the Apps FPGA
could be loading data into DMD rows that do not belong to the same block of rows that currently has an
outstanding MCP.
8.2.1.3 Application Curves
In this particular application, the performance plot shown in Figure 15 shows the maximum loaded and displayed
pixels per second when the exposure period is set to its minimum for the different reset modes. When the
exposure period is increased, the pixels per second will decrease. Refer to Mirror Clocking Pulse for more
information regarding exposure period.
Figure 15. Performance Plot at 480 MHz DDC_DCLK
38
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com