Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC910 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC910 Datasheet HTML 1Page - Texas Instruments DLPC910 Datasheet HTML 2Page - Texas Instruments DLPC910 Datasheet HTML 3Page - Texas Instruments DLPC910 Datasheet HTML 4Page - Texas Instruments DLPC910 Datasheet HTML 5Page - Texas Instruments DLPC910 Datasheet HTML 6Page - Texas Instruments DLPC910 Datasheet HTML 7Page - Texas Instruments DLPC910 Datasheet HTML 8Page - Texas Instruments DLPC910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LVDS Interface
DLPC910
LVD Interface
RESET Signals
SCP Interface
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
Control Signals
Status Signals
VLED0
VLED1
DLP9000XFLS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
DLPC910 Digital Controller for the DLP9000XFLS Digital Micromirror Device (DMD)
1 Features
3 Description
The DLPC910 device is required for reliable operation
1
•
Required for Reliable Operation of the
of the DLP9000XFLS DMD. This device enables one
DLP9000XFLS DMD
of the highest performing DLP® chipsets.
•
User-Selectable 400-MHz and 480-MHz Input
The DLPC910 provides a high-speed data and
Clock Rate
control interface for the DLP9000XFLS DMD enabling
•
Pixel Data Rate Greater than 61 Gigabits Per
binary pattern rates of up to 15 kHz. These fast
Second With Continuous Streaming Input Data
pattern rates set DLP technology apart from other
•
Enables High-Speed Pattern Rates up to 15 kHz
spatial light modulators and offer customers a
Binary Patterns per Second
strategic advantage for equipment needing fast,
accurate, and programmable light steering capability.
•
8-Bit Gray Scale Pattern Rates up to 1.8 kHz With
The DLPC910 provides the required mirror clocking
Modulated Illumination
pulses and timing information to the DMD. The
•
64-Bit 2x LVDS Data Bus Interface
unique capability and value offered by the DLPC910
•
Supports Random DMD Row Addressing and
device makes it well suited to support a wide variety
of lithography, industrial, and advanced display
Load4 Loading
applications.
•
Compatible With a Variety of User-Defined
Application Processors or FPGAs
In DLP-based electronics solutions, image data is
100% digital from the DLPC910 input port to the
•
Integrated I2C Interface for General Control and
projected image. The image stays in digital form and
Status Queries
is never converted into an analog signal. The
DLPC910 processes the digital input image and
2 Applications
converts the data into a format needed by the DMD
•
Lithography
for proper display. The DMD then steers the light to
the location determined by the pixel data loaded into
–
Direct Imaging
the DMD.
–
Flat Panel Display
For complete electrical and mechanical specifications
–
Printed Circuit Board Manufacturing
of
the
DLPC910,
see
the
Virtex®-5
product
•
Industrial
specification at www.xilinx.com.
–
3D Printing
Device Information(1)
–
3D Scanners for Machine Vision
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Quality Control
DLPC910
FCBGA (676)
27.00 mm × 27.00 mm
•
Displays
(1) For all available packages, see the orderable addendum at
–
3D Imaging
the end of the data sheet.
–
Augmented Reality and Information Overlay
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPC910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 83P
DLPC900 Digital Controller for Advanced Light Control
DLPC900AZPC TI1-DLPC900AZPC Datasheet
1Mb / 83P
DLPC900 Digital Controller for Advanced Light Control
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
Digital Controller for Advanced Light Control
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 83P
DLPC900 Digital Controller for Advanced Light Control
More results

Similar Description - DLPC910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
DLP짰 Digital Controller for the DLP3000 DMD
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com