Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6401 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 29Page - Texas Instruments DLPC6401 Datasheet HTML 30Page - Texas Instruments DLPC6401 Datasheet HTML 31Page - Texas Instruments DLPC6401 Datasheet HTML 32Page - Texas Instruments DLPC6401 Datasheet HTML 33Page - Texas Instruments DLPC6401 Datasheet HTML 34Page - Texas Instruments DLPC6401 Datasheet HTML 35Page - Texas Instruments DLPC6401 Datasheet HTML 36Page - Texas Instruments DLPC6401 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
3.3 V
(VDD33 ASIC I/O)
1.9 V
(VDD_DMD)
1.2 V and 1.8 V
(ASIC PLL)
1.2 V
(VDDC ASIC Core)
POSENSE
1.2 V and 3.3 V
(FPD-Link
VDD12_FPD and
VDD33_FPD)
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
System Power-Up Sequence (continued)
Figure 16. System Power-Up Sequence
9.3 Power-On Sense (POSENSE) Support
It is difficult to set up a power monitor to trip exactly on the ASIC minimum supply voltage specification. Thus for
practical reasons, TI recommends that the external power monitor generating POSENSE target its threshold to
90% of the minimum supply voltage specifications and ensure that POSENSE remain low a sufficient amount of
time for all supply voltages to reach minimum ASIC requirements and stabilize. Note that the trip voltage for
detecting the loss of power is not critical for POSENSE and thus may be as low as 50% of rated supply voltages.
In addition, the reaction time to respond to a low voltage condition is not critical for POSENSE; however,
PWRGOOD does have much more critical requirements in these areas.
9.4 System Environment and Defaults
9.4.1 DLPC6401 System Power-Up and Reset Default Conditions
Following system power-up, the DLPC6401 device performs a power-up initialization routine that defaults the
ASIC to its normal power mode, in which ARM9-related clocks are enabled at their full rate and associated resets
are released. Most other clocks default to disabled state with associated resets asserted until released by the
processor. These same defaults are also applied as part of all system reset events (watch dog timer timeout, and
so on) that occur without removing or cycling power.
Following power-up or system reset initialization, the ARM9 boots from an external flash memory after which it
enables the rest of the ASIC clocks. When system initialization is complete, application software determines if
and when to enter low-power mode.
9.4.2 1.2-V System Power
The DLPC6401 device can support a power delivery system with a single 1.2-V power source derived from a
switching regulator. The DLPC6401 main core should receive 1.2-V power directly from the regulator output and
the internal ASIC PLLs (VDDC, VDD12_PLLD, and VDD12_PLLM) should receive individually-filtered versions
of this 1.2-V power. For specific filter recommendations, see PCB Layout Guidelines for Internal ASIC Power.
9.4.3 1.8-V System Power
A single 1.8-V power source should be used to supply both DLPC6401 internal PLLs. To keep this power as
clean as possible, TI recommends that this power be sourced by a linear regulator that is individually filtered for
each PLL (VDD_18_PLLD and VDD_18PLLM). For specific filter recommendations, see PCB Layout Guidelines
for Internal ASIC Power.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com