Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6401 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments DLPC6401 Datasheet HTML 10Page - Texas Instruments DLPC6401 Datasheet HTML 11Page - Texas Instruments DLPC6401 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
PM_ADDR_22
V3
B2
PM_ADDR_21
W1
PM_ADDR_20
W2
PM_ADDR_19
Y1
PM_ADDR_18
AB2
PM_ADDR_17
AA3
PM_ADDR_16
Y4
PM_ADDR_15
W5
PM_ADDR_14
AB3
PM_ADDR_13
AA4
PM_ADDR_12
Y5
PM_ADDR_11
W6
VDD33
O2
Async
Flash memory address bit
PM_ADDR_10
AB4
PM_ADDR_9
AA5
PM_ADDR_8
Y6
PM_ADDR_7
W7
PM_ADDR_6
AB5
PM_ADDR_5
AA6
PM_ADDR_4
Y7
PM_ADDR_3
AB6
PM_ADDR_2
W8
PM_ADDR_1
AA7
PM_ADDR_0
AB7
PM_WE
V2
VDD33
O2
Async
Write enable (active low)
PM_OE
U4
VDD33
O2
Async
Output enable (active low)
PM_BLS_1
AA8
VDD33
O2
Async
Upper byte(15:8) enable
PM_BLS_0
AB8
VDD33
O2
Async
Lower byte(7:0) enable
PM_DATA_15
M1
PM_DATA_14
N1
PM_DATA_13
N2
PM_DATA_12
N3
VDD33
B2
Async
Data bits, upper byte
PM_DATA_11
N4
PM_DATA_10
P1
PM_DATA_9
P2
PM_DATA_8
P3
PM_DATA_7
P4
PM_DATA_6
R2
PM_DATA_5
R3
PM_DATA_4
R4
VDD33
B2
Async
Data bits, lower byte
PM_DATA_3
T1
PM_DATA_2
T2
PM_DATA_1
T3
PM_DATA_0
T4
LED DRIVER INTERFACE
LEDR_PWM
K2
LED red PWM output enable control
LEDG_PWM
K3
VDD33
O2
Async
LED green PWM output enable control
LEDB_PWM
K4
LED blue PWM output enable control
LEDR_EN
L3
LED red PWM output
LEDG_EN
L4
VDD33
O2
Async
LED green PWM output
LEDB_EN
K1
LED blue PWM output
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com