Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6401 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 3Page - Texas Instruments DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments DLPC6401 Datasheet HTML 10Page - Texas Instruments DLPC6401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Pin Functions (continued)
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
DMD INTERFACE
DMD_D0
A8
DMD_D1
B8
DMD_D2
C8
DMD_D3
D8
DMD_D4
B11
DMD_D5
C11
DMD_D6
D11
DMD_D7
E11
DMD_D8
C7
DMD_D9
B10
DMD_D10
E7
DMD data pins. DMD data pins are DDR signals that
are clocked on both edges of DMD_DCLK.
DMD_D11
D10
VDD_DMD
O7
DMD_DCLK
All 24 DMD data signals are use to interface to the
DLP4500.
DMD_D12
A6
DMD_D13
A12
DMD_D14
B12
DMD_D15
C12
DMD_D16
D12
DMD_D17
B7
DMD_D18
A10
DMD_D19
D7
DMD_D20
B6
DMD_D21
E9
DMD_D22
C10
DMD_D23
C6
DMD_DCLK
A9
VDD_DMD
O7
N/A
DMD data clock (DDR)
DMD_LOADB
B9
VDD_DMD
O7
DMD_DCLK
DMD data load signal (active-low)
DMD_SCTRL
C9
VDD_DMD
O7
DMD_DCLK
DMD data serial control signal
DMD_TRC
D9
VDD_DMD
O7
DMD_DCLK
DMD data toggle rate control
DMD_DRC_BUS
D5
VDD_DMD
O7
DMD_SAC_CLK
DMD reset control bus data
DMD_DRC_STRB
C5
VDD_DMD
O7
DMD_SAC_CLK
DMD reset control bus strobe
Requires a 30 to 51-k
Ω
DMD_DRC_OE
B5
VDD_DMD
O7
external pullup resistor to
Async
DMD reset control enable (active low)
VDD_DMD.
DMD_SAC_BUS
D6
VDD_DMD
O7
DMD_SAC_CLK
DMD stepped-address control bus data
DMD_SAC_CLK
A5
VDD_DMD
O7
N/A
DMD stepped-address control bus clock
DMD Power Enable control. This signal indicates to
DMD_PWR_EN
G20
VDD_DMD
O2
Async
an external regulator that the DMD is powered.
DMD drive strength adjustment precision reference.
EXRES
A3
O
Async
A ±1% external precision resistor should be
connected to this pin.
FLASH INTERFACE
Reserved for future use. On the PCB, connect to
PM_CS_0
U3
VDD33
O2
Async
VDD33 through a pullup resistor.
PM_CS_1
U2
VDD33
O2
Async
Boot flash (active low). Required for boot memory
Reserved for future use. On the PCB, connect to
PM_CS_2
U1
VDD33
O2
Async
VDD33 through a pullup resistor.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com