Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6401 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 31Page - Texas Instruments DLPC6401 Datasheet HTML 32Page - Texas Instruments DLPC6401 Datasheet HTML 33Page - Texas Instruments DLPC6401 Datasheet HTML 34Page - Texas Instruments DLPC6401 Datasheet HTML 35Page - Texas Instruments DLPC6401 Datasheet HTML 36Page - Texas Instruments DLPC6401 Datasheet HTML 37Page - Texas Instruments DLPC6401 Datasheet HTML 38Page - Texas Instruments DLPC6401 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
15
22
B
C
A
D
PLLM_
VSS
MOSC
N
E
VIA to Common Analog
/
Digital Board Power Plane
VIA to Common Analog
/
Digital Board Ground Plane
ASIC Pad
PCB Pad
Local
Decoupling
for the PLL
Digital Supply
Signal VIA
F
14
PLLD_
VSS
MOSC
PLLM_
VAS
PLLM_
VAD
PLLM_
VDD
13
PLLD_
VAS
PLLD_
VAD
PLLD_
VDD
12
MOSC
Crystal
Oscillator
FB
10.0uF
FB
10.0uF
FB
10.0uF
FB
10.0uF
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
10 Layout
10.1 Layout Guidelines
TI recommends 2-ounce copper (2.6-mil) power and ground planes in the PCB design to achieve needed thermal
connectivity.
10.1.1 PCB Layout Guidelines for Internal ASIC Power
TI recommends the following guidelines to achieve desired ASIC performance relative to internal PLLs:
•
The DLPC6401 device contains two PLLs (PLLM and PLLD), each of which has a dedicated 1.2-V digital and
1.8-V analog supply. These 1.2-V PLL pins should be individually isolated from the main 1.2-V system supply
through a ferrite bead. The impedance of the ferrite bead should be much greater than that of the capacitor at
frequencies where noise is expected. Specifically the impedance of the ferrite bead must be less than 0.5
Ω
in the frequency range of 100 to 300 kHz and greater than 10
Ω in the frequency range >100 MHz.
•
As a minimum, 1.8-V analog PLL power and ground pins should be isolated using an LC-filter with a ferrite
serving as the inductor and a 0.1-µF capacitor on the ASIC side of the ferrite. TI recommends that this 1.8-V
PLL power be supplied from a dedicated linear regulator and each PLL should be individually isolated from
the regulator. The same ferrite recommendations described for the 1.2-V digital PLL supply apply to the 1.8-V
analog PLL supplies.
•
When designing the overall supply filter network, take care to ensure no resonance occurs. Particularly take
care around the 1- to 2-mHz band, as this coincides with the PLL natural loop frequency.
Figure 18. PLL Filter Layout
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com